Electronic Components Datasheet Search
  English  ▼

X  

LPC2925 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2925 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC2925 Datasheet HTML 34Page - NXP Semiconductors LPC2925 Datasheet HTML 35Page - NXP Semiconductors LPC2925 Datasheet HTML 36Page - NXP Semiconductors LPC2925 Datasheet HTML 37Page - NXP Semiconductors LPC2925 Datasheet HTML 38Page - NXP Semiconductors LPC2925 Datasheet HTML 39Page - NXP Semiconductors LPC2925 Datasheet HTML 40Page - NXP Semiconductors LPC2925 Datasheet HTML 41Page - NXP Semiconductors LPC2925 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
38 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
6.14.5.3
Master and slave mode
A PWM module can provide synchronization signals to other modules (also called Master
mode). The signal sync_out is a pulse of one clock cycle generated when the internal
PWM counter (re)starts. The signal trans_enable_out is a pulse synchronous to sync_out,
generated if a transfer from system registers to PWM shadow registers occurred when the
PWM counter restarted. A delay may be inserted between the counter start and
generation of trans_enable_out and sync_out.
A PWM module can use input signals trans_enable_in and sync_in to synchronize its
internal PWM counter and the transfer of shadow registers (Slave mode).
6.14.5.4
Pin description
Each of the four PWM modules in the MSCSS has the following pins. These are combined
with other functions on the port pins of the LPC2921/2923/2925. Table 21 shows the
PWM0 to PWM3 pins (n = 0 to 3).
6.14.5.5
Clock description
The PWM modules are clocked by CLK_MSCSS_PWMx (x = 0 to 3), see Section 6.7.2.
Note that each PWM has its own CLK_MSCSS_PWMx branch clock for power
management. The frequency of all these clocks is identical to CLK_MSCSS_APB since
they are derived from the same base clock BASE_MSCSS_CLK.
Also note that unlike the timer modules in the Peripheral SubSystem, the actual timer
counter registers of the PWM modules run at the same clock as the APB system interface
CLK_MSCSS_APB. This clock is independent of the AHB system clock.
If a PWM module is not used its CLK_MSCSS_PWMx branch clock can be switched off.
6.14.6 Timers in the MSCSS
The two timers in the MSCSS are functionally identical to the timers in the peripheral
subsystem, see Section 6.12.3. The features of the timers in the MSCSS are the same as
the timers in the peripheral subsystem, but the capture inputs and match outputs are not
available on the device pins. These signals are instead connected to the ADC and PWM
modules as outlined in the description of the MSCSS, see Section 6.14.1.
See Section 6.12.3 for a functional description of the timers.
Table 21.
PWM pins
Symbol
Pin name
Direction
Description
PWMn CAP[0]
PCAPn[0]
IN
PWMn capture input 0
PWMn CAP[1]
PCAPn[1]
IN
PWMn capture input 1
PWMn CAP[2]
PCAPn[2]
IN
PWMn capture input 2
PWMn MAT[0]
PMATn[0]
OUT
PWMn match output 0
PWMn MAT[1]
PMATn[1]
OUT
PWMn match output 1
PWMn MAT[2]
PMATn[2]
OUT
PWMn match output 2
PWMn MAT[3]
PMATn[3]
OUT
PWMn match output 3
PWMn MAT[4]
PMATn[4]
OUT
PWMn match output 4
PWMn MAT[5]
PMATn[5]
OUT
PWMn match output 5
PWMn TRAP
TRAPn
IN
PWMn trap input (on the LPC2921/2923/2925
n = 2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com