Electronic Components Datasheet Search
  English  ▼

X  

LPC2925 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2925 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC2925 Datasheet HTML 67Page - NXP Semiconductors LPC2925 Datasheet HTML 68Page - NXP Semiconductors LPC2925 Datasheet HTML 69Page - NXP Semiconductors LPC2925 Datasheet HTML 70Page - NXP Semiconductors LPC2925 Datasheet HTML 71Page - NXP Semiconductors LPC2925 Datasheet HTML 72Page - NXP Semiconductors LPC2925 Datasheet HTML 73Page - NXP Semiconductors LPC2925 Datasheet HTML 74Page - NXP Semiconductors LPC2925 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
71 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
10.2 Suggested USB interface solutions
Fig 26. Core operating frequency versus core voltage for different temperatures
core voltage (V)
1.65
1.95
1.85
1.75
002aae193
125
115
135
145
core
frequency
(MHz)
105
25
°C
45
°C
65
°C
85
°C
Fig 27. LPC2921/2923/2925 USB interface on a self-powered device
LPC29xx
USB-B
connector
USB_D+
SoftConnect switch
USB_D
−
USB_VBUS
VSS(IO)
VDD(IO)
R1
1.5 k
Ω
RS = 33 Ω
002aae149
RS = 33 Ω
USB_UP_LED
USB_CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com