Electronic Components Datasheet Search
  English  ▼

X  

LPC2925 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2925 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC2925 Datasheet HTML 64Page - NXP Semiconductors LPC2925 Datasheet HTML 65Page - NXP Semiconductors LPC2925 Datasheet HTML 66Page - NXP Semiconductors LPC2925 Datasheet HTML 67Page - NXP Semiconductors LPC2925 Datasheet HTML 68Page - NXP Semiconductors LPC2925 Datasheet HTML 69Page - NXP Semiconductors LPC2925 Datasheet HTML 70Page - NXP Semiconductors LPC2925 Datasheet HTML 71Page - NXP Semiconductors LPC2925 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
68 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
9.4 Dynamic characteristics: SPI
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =85 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
Table 36.
Dynamic characteristics of SPI pins
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; Tvj = −40 °Cto+85 °C; all voltages are
measured with respect to ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSPI
SPI operating frequency
master operation
1
⁄
65024fclk(SPI)
-
1
⁄
2fclk(SPI) MHz
slave operation
1
⁄
65024fclk(SPI)
-
1
⁄
4fclk(SPI) MHz
tsu(SPI_MISO)
SPI_MISO set-up time
Tamb = 25 °C;
measured in
SPI Master
mode; see
Figure 24
-11
-
ns
Fig 24. SPI data input set-up time in SSP Master mode
tsu(SPI_MISO)
SCKn
shifting edges
SDOn
SDIn
002aae695
sampling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com