Electronic Components Datasheet Search
  English  ▼

X  

LPC2925 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2925 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC2925 Datasheet HTML 56Page - NXP Semiconductors LPC2925 Datasheet HTML 57Page - NXP Semiconductors LPC2925 Datasheet HTML 58Page - NXP Semiconductors LPC2925 Datasheet HTML 59Page - NXP Semiconductors LPC2925 Datasheet HTML 60Page - NXP Semiconductors LPC2925 Datasheet HTML 61Page - NXP Semiconductors LPC2925 Datasheet HTML 62Page - NXP Semiconductors LPC2925 Datasheet HTML 63Page - NXP Semiconductors LPC2925 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
60 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
8.1 Power consumption
Conditions: Tamb = 25 °C; active mode entered executing code from flash; core voltage 1.8 V; all
peripherals enabled but not configured to run.
Fig 15. IDD(CORE) at different core frequencies (active mode)
Conditions: Tamb = 25 °C; active mode entered executing code from flash; all peripherals enabled
but not configured to run.
Fig 16. IDD(CORE) at different core voltages VDD(CORE) (active mode)
core frequency (MHz)
10
130
90
50
002aae241
40
20
60
80
IDD(CORE)
(mA)
0
core voltage (V)
1.7
1.9
1.8
002aae240
40
20
60
80
IDD(CORE)
(mA)
0
10 MHz
40 MHz
80 MHz
100 MHz
125 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com