Electronic Components Datasheet Search
  English  ▼

X  

XC6802 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6802
Description  1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6802 Datasheet HTML 1Page - Torex Semiconductor XC6802 Datasheet HTML 2Page - Torex Semiconductor XC6802 Datasheet HTML 3Page - Torex Semiconductor XC6802 Datasheet HTML 4Page - Torex Semiconductor XC6802 Datasheet HTML 5Page - Torex Semiconductor XC6802 Datasheet HTML 6Page - Torex Semiconductor XC6802 Datasheet HTML 7Page - Torex Semiconductor XC6802 Datasheet HTML 8Page - Torex Semiconductor XC6802 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
XC6802 Series
1 Cell Li-ion Battery Linear Charger IC
with Constant-Current/Constant-Voltage
■GENERAL DESCRIPTION
The XC6802 series is a constant-current/constant-voltage linear charger IC for single cell lithium-ion batteries. The XC6802
includes a reference voltage source, battery voltage monitor, driver transistor, constant-current/constant-voltage charge circuit,
over heat protection circuit, phase compensation circuit. The battery charge termination voltage is internally set to 4.2V ±
0.7% and the trickle charge voltage and accuracy is 2.9V ±3%. In trickle charge mode, a safe charge to a battery is possible
because approximately 1/10 out of setting charge current is supplied to the battery. With an external RSEN resistor, the charge
current can be set freely up to 800mA (MAX.), therefore, the series is ideal for various battery charge applications. The series’
charge status output pin, /CHG pin, is capable of checking the IC’s charging state while connecting with an external LED.
■APPLICATIONS
● Charging docks, charging cradles
● MP3 players, portable audio players
● Cellular phones, PDAs
● Bluetooth headsets
■ FEATURES
Operating Voltage Range
: 4.25V ~ 6.0V
Charge Current
: Externally set up to 800mA
(MAX.)
Charge Termination Voltage : 4.2V ±0.7%
Trickle Charge Voltage
: 2.9V ±3%
Supply Current (Stand-by)
: 15μA (TYP.)
Packages
: SOT-89-5, SOT-25, USP-6C
Constant-current/constant-voltage operation
with thermal shutdown
Automatic recharge
Charge status output pin
Soft-start function (Inrush limit current)
■TYPICAL APPLICATION CIRCUIT
ETR2501-005b
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Battery Charge Cycle
Li-io n Bat t e r y C h ar ge C ycle
0
100
200
300
400
500
600
700
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (hours)
3.00
3.20
3.40
3.60
3.80
4.00
4.20
4.40
VIN=5.0V, CIN=1uF
RSEN=2kohm, 830mAh Battery
Charge Current
Battery Voltage
VIN=5.0V, CIN=1μF
RSEN=2kΩ, 830mAh Battery
Li-ion Battery Charge Cycle
Battery Voltage
Charge Current
Time (hour)


Similar Part No. - XC6802

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42X4R-G TOREX-XC6802A42X4R-G Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XER TOREX-XC6802A42XER Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XER-G TOREX-XC6802A42XER-G Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XMR TOREX-XC6802A42XMR Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
More results

Similar Description - XC6802

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
logo
Torex Semiconductor
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com