Electronic Components Datasheet Search
  English  ▼

X  

XC6802 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6802
Description  1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6802 Datasheet HTML 1Page - Torex Semiconductor XC6802 Datasheet HTML 2Page - Torex Semiconductor XC6802 Datasheet HTML 3Page - Torex Semiconductor XC6802 Datasheet HTML 4Page - Torex Semiconductor XC6802 Datasheet HTML 5Page - Torex Semiconductor XC6802 Datasheet HTML 6Page - Torex Semiconductor XC6802 Datasheet HTML 7Page - Torex Semiconductor XC6802 Datasheet HTML 8Page - Torex Semiconductor XC6802 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
XC6802
Series
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Pin Voltage
VIN
VSS – 0.3 ~ + 6.5
V
ISEN Pin Voltage
VSEN
VSS – 0.3 ~ VIN + 0.3
V
BAT Pin Voltage
VBAT
VSS – 0.3 ~ + 6.5
V
/CHG Pin Voltage
V/CHG
VSS – 0.3 ~ + 6.5
V
BAT Pin Current
IBAT
900
mA
500
SOT-89-5
1300 (PCB mounted)
*
250
SOT-25
600 (PCB mounted)
*
120
Power Dissipation
USP-6C
Pd
1000 (PCB mounted)
*
mW
Operating Temperature Range
Topr
- 40 ~ + 85
℃
Storage Temperature Range
Tstg
- 55 ~ + 125
℃
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
* The power dissipation figure shown is PCB mounted. Please refer to page 15 to 17 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com