Electronic Components Datasheet Search
  English  ▼

X  

XC6802 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6802
Description  1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6802 Datasheet HTML 1Page - Torex Semiconductor XC6802 Datasheet HTML 2Page - Torex Semiconductor XC6802 Datasheet HTML 3Page - Torex Semiconductor XC6802 Datasheet HTML 4Page - Torex Semiconductor XC6802 Datasheet HTML 5Page - Torex Semiconductor XC6802 Datasheet HTML 6Page - Torex Semiconductor XC6802 Datasheet HTML 7Page - Torex Semiconductor XC6802 Datasheet HTML 8Page - Torex Semiconductor XC6802 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
XC6802 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
PIN NAME
FUNCTION
1
5
3
/CHG
Charge Status Output Pin
2
2
2
VSS
Ground
3
4
1
BAT
Charge Current Output Pin
4
3
6
VIN
Input Voltage Pin
5
1
4
ISEN
Charge Current Setup Pin
-
-
5
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
PR
SOT-89-5
PR-G
SOT-89-5 (Halogen & Antimony free)
MR
SOT-25
MR-G
SOT-25 (Halogen & Antimony free)
ER
USP-6C
①②-③
Packages
Taping Type *
ER-G
USP-6C (Halogen & Antimony free)
■PIN CONFIGURATION
■PIN ASSIGNMENT
■ PRODUCT CLASSIFICATION
●Ordering Information
XC6802A42X①②-③
(*1)
SOT-89-5
(TOP VIEW)
* The dissipation pad for the USP-6C package
should be solder-plated in recommended mount
pattern and metal masking so as to enhance
mounting strength and heat release. If the pad
needs to be connected to other pins, it should be
connected to the VSS (No. 2) pin.
SOT-25
(TOP VIEW)
USP-6C
(BOTTOM VIEW)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ①R-③, Reverse orientation: ①L-③)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com