Electronic Components Datasheet Search
  English  ▼

X  

XC6802 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6802
Description  1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6802 Datasheet HTML 1Page - Torex Semiconductor XC6802 Datasheet HTML 2Page - Torex Semiconductor XC6802 Datasheet HTML 3Page - Torex Semiconductor XC6802 Datasheet HTML 4Page - Torex Semiconductor XC6802 Datasheet HTML 5Page - Torex Semiconductor XC6802 Datasheet HTML 6Page - Torex Semiconductor XC6802 Datasheet HTML 7Page - Torex Semiconductor XC6802 Datasheet HTML 8Page - Torex Semiconductor XC6802 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
XC6802 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
CIRCUIT
Input Voltage
VIN
4.25
-
6.0
V
-
Supply Current
ISS
Charge mode, RSEN=10kΩ
-
15
35
μA
③
Stand-by Current
ISTBY
Stand-by mode
-
15
35
μA
③
Shut-down Current
ISHUT
Shut-down mode
(RSEN=NC, VIN<VBAT or VIN<VUVLO)
-
10
23
μA
③
Float Voltage 1
VFLOAT1
TA=25℃, IBAT=40mA
×0.993
4.2
×1.007
V
②
Float Voltage 2
(*1)
VFLOAT2
0℃≦TA≦50℃, IBAT=40mA
×0.99
4.2
×1.01
V
-
Maximum Battery Current
(*2)
IBATMAX
800
mA
-
Battery Current 1
IBAT1
RSEN=10kΩ, CC mode
93
100
107
mA
③
Battery Current 2
IBAT2
RSEN=2kΩ, CC mode
465
500
523
mA
③
Battery Current 3
IBAT3
Stand-by mode, VBAT=4.2V
-
-
2
μA
③
Battery Current 4
IBAT4
Shut-down mode (RSEN=NC)
-
-
1
μA
⑤
Battery Current 5
IBAT5
Sleep mode, VIN=0V
-
-
1
μA
③
Trickle Charge Current 1
ITRIKL1
VBAT<VTRIKL, RSEN=10kΩ
6
10
14
mA
③
Trickle Charge Current 2
ITRIKL2
VBAT<VTRIKL, RSEN=2kΩ
30
50
70
mA
③
Trickle Voltage
VTRIKL
RSEN=10kΩ, VBAT Rising
2.913
2.9
2.987
V
③
Trickle Voltage
Hysteresis Width
VTRIKL_HYS
-
58
90
116
mV
③
UVLO Volatge
VUVLO
VIN: L → H
3.686
3.8
3.914
V
③
UVLO Hysteresis Width
VUVLO_HYS
-
150
190
280
mV
③
Manual Shut-down Voltage
VSD
ISEN: L → H
1.4
-
-
V
①
Manual Shut-down Voltage
Hysteresis Width
VSD_HYS
-
-
100
-
mV
①
VIN-VBAT
Shut-down Release Voltage
VASD
VIN: L → H
70
100
140
mV
③
VIN-VBAT Shut-down Voltage
Hysteresis Width
VASD_HYS
-
-
70
-
mV
③
C/10 Charge Termination
Current Threshold 1
ITERM1
RSEN=10kΩ
0.07
0.10
0.13
mA/mA
②
C/10 Charge Termination
Current Threshold 2
ITERM2
RSEN=2kΩ
0.07
0.10
0.13
mA/mA
②
ISEN Pin Voltage
VISEN
RSEN=10kΩ, CC mode
-
1.0
-
V
③
/CHG Pin
Weak Pull-Down Current
I/CHG1
VBAT=4.3, V/CHG=5V
8
20
50
μA
③
/CHG Pin
Strong Pull-Down Current
I/CHG2
VBAT=4.0V, V/CHG=1V
4
10
20
mA
③
/CHG Pin
Output LOW Voltage
V/CHG
I/CHG=5mA
-
0.35
0.7
V
④
Recharge Battery
Threshold Voltage
ΔVRECHRG
VFLOAT1-VRECHRG
100
150
200
mV
③
ON Resistance
RON
IBAT=100mA
-
450
900
mΩ
①
Soft-Start Time
tSS
100
150
200
μs
⑥
Recharge Battery Time
tRECHRG
0.4
2
4
ms
②
Battery Termination
Detect Time
tTERM
IBAT falling (less than charge
current /10)
0.3
1
3.5
ms
②
Current Sense Pin
Pull-Up Current
ISEN_pull_up
-
-
1.3
-
μA
①
Thermal Shut-Down
Detect Temperature
TTSD
Junction temperature
-
115
-
℃
-
Thermal Shut-Down
Release Temperature
TTSR
Junction temperature
-
95
-
℃
-
* Unless otherwise stated, VIN=5.0V.
NOTE: *1: The figures under the condition of 0
OC≦TA≦50OC are guaranteed by design calculation.
*2: When the RSEN resistance is set, the battery current shall not be exceeded to 800mA.
■ELECTRICAL CHARACTERISTICS
XC6802A42x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com