Electronic Components Datasheet Search
  English  ▼

X  

T410H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T410H
Description  High temperature 4 A sensitive TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410H Datasheet(HTML) 1 Page - STMicroelectronics

  T410H Datasheet HTML 1Page - STMicroelectronics T410H Datasheet HTML 2Page - STMicroelectronics T410H Datasheet HTML 3Page - STMicroelectronics T410H Datasheet HTML 4Page - STMicroelectronics T410H Datasheet HTML 5Page - STMicroelectronics T410H Datasheet HTML 6Page - STMicroelectronics T410H Datasheet HTML 7Page - STMicroelectronics T410H Datasheet HTML 8Page - STMicroelectronics T410H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2009
Doc ID 15712 Rev 1
1/9
9
T410H
High temperature 4 A sensitive TRIACs
Features
Medium current TRIAC
Logic level sensitive TRIAC
150 °C max. Tj turn-off commutation
Clip bounding
RoHS (2002/95/EC) compliant package
Applications
The T410H is designed for the control of AC
actuators in appliances and industrial systems.
The multi-port drive of the microcontroller can
control the multiple loads of such appliances
and systems through this sensitive gate
TRIAC.
Description
Specifically designed to operate at 150 °C, the
new 4 A T410H TRIAC provides an enhanced
performance in terms of power loss and thermal
dissipation. This allows the optimization of the
heatsink size, leading to space and cost
effectiveness when compared to electro-
mechanical solutions.
Based on ST logic level technology, the T410H
offers an IGT lower than 10 mA and specified
minimal commutation and high noise immunity
levels valid up to the Tj max.
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600
V
IGT MAX
10
mA
A2
A1
G
A2
A2
A1
G
TO-220AB
T410H-6T
www.st.com


Similar Part No. - T410H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410 STMICROELECTRONICS-T410 Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
T410 STMICROELECTRONICS-T410 Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-400T STMICROELECTRONICS-T410-400T Datasheet
119Kb / 10P
Based on ST?셲 Snubberless
25-Mar-2005
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
More results

Similar Description - T410H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
High temperature 6 A sensitive TRIACs
15-May-2009
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
High temperature 8 A sensitive TRIACs
15-May-2009
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
High temperature 10 A sensitive TRIACs
15-May-2009
logo
Littelfuse
L6004V3TP LITTELFUSE-L6004V3TP Datasheet
905Kb / 10P
4 Amp Sensitive & Standard Triacs
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
Sensitive Triacs
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
4 Amp Sensitive & Standard Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com