Electronic Components Datasheet Search
  English  ▼

X  

T410H Datasheet(PDF) 3 Page - STMicroelectronics

Part # T410H
Description  High temperature 4 A sensitive TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410H Datasheet(HTML) 3 Page - STMicroelectronics

  T410H Datasheet HTML 1Page - STMicroelectronics T410H Datasheet HTML 2Page - STMicroelectronics T410H Datasheet HTML 3Page - STMicroelectronics T410H Datasheet HTML 4Page - STMicroelectronics T410H Datasheet HTML 5Page - STMicroelectronics T410H Datasheet HTML 6Page - STMicroelectronics T410H Datasheet HTML 7Page - STMicroelectronics T410H Datasheet HTML 8Page - STMicroelectronics T410H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T410H
Characteristics
Doc ID 15712 Rev 1
3/9
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
ITM = 5.6 A, tp = 380 µs
Tj = 25 °C
MAX.
1.5
V
Vt0
(1)
Threshold voltage
Tj = 150 °C
MAX.
0.80
V
Rd
(1)
Dynamic resistance
Tj = 150 °C
MAX.
80.0
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5
µA
Tj = 150 °C
MAX.
2.2
mA
VD/VR = 400 V (at peak mains voltage) Tj = 150 °C
MAX.
1.75
VD/VR = 200 V (at peak mains voltage) Tj = 150 °C
MAX.
1.5
1.
for both polarities of A2 referenced to A1.
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
2.20
°C/W
Rth(j-a)
Junction to ambient
60
Figure 1.
Maximum power dissipation versus
on-state rms current (full cycle)
Figure 2.
On-state rms current versus case
temperature (full cycle)
P(W)
0
1
2
3
4
012
34
IT(RMS)(A)
I
T(RMS)(A)
0
1
2
3
4
0
25
50
75
100
125
150
TC(°C)
Figure 3.
On-state rms current versus
ambient temperature (free air
convection, full cycle)
Figure 4.
Relative variation of thermal
impedance, versus pulse duration
I
T(RMS)(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Ta(°C)
K=[Zth/Rth]
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)
Zth(j-c)
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com