Electronic Components Datasheet Search
  English  ▼

X  

T410H Datasheet(PDF) 4 Page - STMicroelectronics

Part # T410H
Description  High temperature 4 A sensitive TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410H Datasheet(HTML) 4 Page - STMicroelectronics

  T410H Datasheet HTML 1Page - STMicroelectronics T410H Datasheet HTML 2Page - STMicroelectronics T410H Datasheet HTML 3Page - STMicroelectronics T410H Datasheet HTML 4Page - STMicroelectronics T410H Datasheet HTML 5Page - STMicroelectronics T410H Datasheet HTML 6Page - STMicroelectronics T410H Datasheet HTML 7Page - STMicroelectronics T410H Datasheet HTML 8Page - STMicroelectronics T410H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
T410H
4/9
Doc ID 15712 Rev 1
Figure 5.
Relative variation of gate trigger
current and voltage versus junction
temperature (typical values)
Figure 6.
Relative variation of holding and
latching current versus junction
temperature (typical values)
I
GT,VGT[Tj]/ IGT,VGT[Tj=25 °C]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
150
IGT Q1-Q2
VGT Q1-Q2-Q3
IGT Q3
Tj(°C)
I
H,IL [Tj]/ IH,IL [Tj=25 °C]
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
IH
IL
Tj(°C)
Figure 7.
Surge peak on-state current
versus number of cycles
Figure 8.
Non-repetitive surge peak on-state
current and corresponding value
of I2t
I
TSM(A)
0
5
10
15
20
25
30
35
40
45
1
10
100
1000
Non repetitive
T
j initial=25°C
One cycle
t=20ms
Repetitive
T
C=141 °C
Number of cycles
I
TSM(A), I²t (A²s)
1
10
100
1000
0.01
0.10
1.00
10.00
T
j initial=25 °C
dI
Sinusoidal pulse width tp < 10 ms
/dt limitation: 50 A/µs
I
TSM
I²t
tP(ms)
Figure 9.
On-state characteristics
(maximum values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
junction temperature
ITM (A)
1
10
100
012
345
T
j=25 °C
T
j=150 °C
T
j max
V
to = 0.80 V
R
d = 80 mΩ
VTM (V)
(dI/dt)C [Tj]/ (dI/dt)c [Tj=150 °C]
0
1
2
3
4
5
6
7
8
9
10
11
25
50
75
100
125
150
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com