Electronic Components Datasheet Search
  English  ▼

X  

UCC3583 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3583
Description  Switch Mode Secondary Side Post Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3583 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3583 Datasheet HTML 1Page - Texas Instruments UCC3583 Datasheet HTML 2Page - Texas Instruments UCC3583 Datasheet HTML 3Page - Texas Instruments UCC3583 Datasheet HTML 4Page - Texas Instruments UCC3583 Datasheet HTML 5Page - Texas Instruments UCC3583 Datasheet HTML 6Page - Texas Instruments UCC3583 Datasheet HTML 7Page - Texas Instruments UCC3583 Datasheet HTML 8Page - Texas Instruments UCC3583 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
UCC1583
UCC2583
UCC3583
ABSOLUTE MAXIMUM RATINGS
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
IVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA
RAMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VDD + 1V
IRAMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
IREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –30mA
PCOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.2V to 0.2V
IGATE (twp < 1µS and Duty Cycle < 10%) . . . . . . –0.8A to 1.8A
ICOMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –5mA to 5mA
ICAO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –5mA to 5mA
VSYNC . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.6V to VREF +0.3V
ISYNC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –05mA to 5mA
INV, SS, ILIM, ISENSE. . . . . . . . . . . . . . –0.3V to VREF + 0.3V
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
All voltages are with respect to the COM terminal unless other-
wise stated. Currents are positive into, negative out of the
specified terminal. Consult Packaging Section of Databook for
thermal limitations and considerations of packages.
CONNECTION DIAGRAMS
DIL-14, SOIC-14 (Top View)
J, N, or D Packages
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to 125°C for
UCC1583, –40°C to 85°C for UCC2583, and 0°C to 70°C for UCC3583; VDD = 12V, RT = 60k, CT = 200pF, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Ramp Generation and Synchronization
Maximum Input Operating Frequency
For input with 5% to 90% duty cycle (Note 1)
500
kHz
Ramp Frequency, Free Running
95
100
105
kHz
Ramp Discharge Current
VRAMP = 0.5V
2.0
3.6
mA
Low Threshold Voltage
No min, no max, 0=TYP
0
V
High Threshold Voltage
3.75
4
4.25
V
Synchronizing Threshold Voltage (On)
(Note 1)
1
V
Synchronizing Comparator Hysteresis
1
V
Output Duty Cycle
Minimum Duty Cycle
Output D/C = Output PW / Input PW
0
%
Maximum Duty Cycle
Output D/C = Output PW / Input PW
100
%
PLCC-20 (Top View)
Q Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com