Electronic Components Datasheet Search
  English  ▼

X  

UCC3583 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3583
Description  Switch Mode Secondary Side Post Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3583 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3583 Datasheet HTML 1Page - Texas Instruments UCC3583 Datasheet HTML 2Page - Texas Instruments UCC3583 Datasheet HTML 3Page - Texas Instruments UCC3583 Datasheet HTML 4Page - Texas Instruments UCC3583 Datasheet HTML 5Page - Texas Instruments UCC3583 Datasheet HTML 6Page - Texas Instruments UCC3583 Datasheet HTML 7Page - Texas Instruments UCC3583 Datasheet HTML 8Page - Texas Instruments UCC3583 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
UCC1583
UCC2583
UCC3583
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to 125°C for
UCC1583, –40°C to 85°C for UCC2583, and 0°C to 70°C for UCC3583; VDD = 12V, RT = 60k, CT = 200pF, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Error Amplifier
VINV
VCOMP = VINV, 0°C to 70°C (UCC3583)
2.462
2.5
2.538
V
VCOMP = VINV, All Other Temperature Ranges
2.45
2.5
2.55
V
IINV
VCOMP = VINV
300
500
nA
VCOMP Low
VINV = 2.6V, ICOMP = 100µA
450
700
mV
VCOMP High
VINV = 2.4V, ICOMP = –100µA
5.0
5.5
6.0
V
AVOL
No Load
70
90
dB
GBW Product
At f = 100kHz, TA = 25°C (Note 1)
3
5
MHz
Current Error Amplifier
Input Offset Voltage
10
mV
Input CM Low
Common Mode for CS and ILIM (Note 1)
0
V
Input CM High
Common Mode for CS and ILIM (Note 1)
2
V
VCAO Low
V+IN = 0V, V–IN = 0.1V, ICAO = 100µA
250
500
mV
VCAO High
V+IN = 0V, V–IN = 0.1V, ICAO = –100µA
5.0
5.5
6.0
V
Input Current (ILIM and CS Pins)
–50
0
50
nA
AVOL
No Load
70
90
dB
GBW Product
At f = 100kHz, TA = 25°C
2
4
MHz
Soft Start Current
10
25
µA
UVLO
VDD On Threshold Voltage
8.5
9.0
9.5
V
VDD Off Threshold Voltage
7.9
8.4
8.9
V
UVLO Hysteresis
0.3
0.6
0.9
V
Bias Supply
Supply Clamp Voltage
13
14
15
V
Supply Current (VDD)
f = 100kHz With No Gate Output Load
3
5
mA
Output Driver
VSAT High
IGATE = –150mA
0.6
1.0
V
VSAT Low
IGATE = 50mA
0.4
0.75
V
Rise Time
CGATE = 1nF
50
75
ns
Fall Time
CGATE = 330pF
20
40
ns
Reference
VREF
IREF = 0, 0°C to 70°C (UCC3583)
4.925
5
5.075
V
IREF = 0, All Other Temperature Ranges
4.900
5
5.100
V
Line Regulation
VDD = 10V to 14V
2
30
mV
Load Regulation
IREF = 0mA to 2mA
1
20
mV
Note 1: Guaranteed by design. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com