Electronic Components Datasheet Search
  English  ▼

X  

LTC3554 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3554
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3554 Datasheet HTML 5Page - Linear Technology LTC3554 Datasheet HTML 6Page - Linear Technology LTC3554 Datasheet HTML 7Page - Linear Technology LTC3554 Datasheet HTML 8Page - Linear Technology LTC3554 Datasheet HTML 9Page - Linear Technology LTC3554 Datasheet HTML 10Page - Linear Technology LTC3554 Datasheet HTML 11Page - Linear Technology LTC3554 Datasheet HTML 12Page - Linear Technology LTC3554 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC3554
9
3554f
Step-Down Switching Regulator
Output Transient
Step-Down Switching Regulator
Output Transient
Step-Down Switching
Regulator Switch Impedance
vs Temperature
Step-Down Switching Regulator
Short-Circuit Current
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Step-Down Switching
Regulator Feedback Voltage
vs Output Current
Step-Down Switching Regulator
Start-Up Waveform
TA = 25°C, unless otherwise specified.
TEMPERATURE (°C)
–75 –50 –25
25
50
75 100
150
125
0
400
440
460
500
480
3554 G19
420
STBY = L
VOUT2 = 1.2V
STBY = H
VOUT2
20mV/DIV
(AC)
5mA
10μA
IOUT2
3554 G26
50μs/DIV
VOUT1 = 3.3V
STBY = L
VOUT1
100mV/DIV
(AC)
150mA
5mA
IOUT1
3554 G27
200μs/DIV
TEMPERATURE (°C)
–75 –50 –25
25
50
75 100
150
125
0
0
0.4
0.6
1.6
0.8
1.0
1.2
1.4
3554 G20
0.2
PMOS
NMOS
BVIN = 3.2V
STBY = L
OUTPUT CURRENT (mA)
3554 G21
0.1
1
100
1000
10
0.780
0.790
0.795
0.820
0.800
0.805
0.810
0.815
0.785
3.8V
5V
STBY = L
VOUT2 = 1.2V
IOUT2 = 50mA
ROUT1 = 22Ω
STBY = L
VOUT2
50mV/DIV
(AC)
VOUT1
1V/DIV
IL1
100mA/DIV
0V
PWR_ON1
0mA
3554 G28
100μs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com