Electronic Components Datasheet Search
  English  ▼

X  

LTC3554 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3554
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554 Datasheet(HTML) 1 Page - Linear Technology

  LTC3554 Datasheet HTML 1Page - Linear Technology LTC3554 Datasheet HTML 2Page - Linear Technology LTC3554 Datasheet HTML 3Page - Linear Technology LTC3554 Datasheet HTML 4Page - Linear Technology LTC3554 Datasheet HTML 5Page - Linear Technology LTC3554 Datasheet HTML 6Page - Linear Technology LTC3554 Datasheet HTML 7Page - Linear Technology LTC3554 Datasheet HTML 8Page - Linear Technology LTC3554 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3554
1
3554f
TYPICAL APPLICATION
DESCRIPTION
Micropower USB Power
Manager with Li-Ion Charger
and Two Step-Down Regulators
The LTC®3554 is a micropower, highly integrated power
management and battery charger IC for single-cell
Li-Ion/Polymer battery applications. It includes a
PowerPath manager with automatic load prioritization,
a battery charger, an ideal diode and numerous internal
protection features. Designed specifically for USB applica-
tions, the LTC3554 power manager automatically limits
input current to a maximum of either 100mA or 500mA.
Battery charge current is automatically reduced such that
the sum of the load current and the charge current does
not exceed the selected input current limit.
The LTC3554 also includes two synchronous step-down
switching regulators as well as a pushbutton controller.
With all supplies enabled in standby mode, the quiescent
current drawn from the battery is only 10μA. The LTC3554
is available in a 3mm × 3mm × 0.55mm 20-pin UTQFN
package.
Battery Drain Current
vs Temperature
FEATURES
APPLICATIONS
n 10μA Standby Mode Quiescent Current (All Outputs On)
n Seamless Transition Between Input Power Sources:
Li-Ion/Polymer Battery and USB
n 240mΩ Internal Ideal Diode Provides Low Loss
PowerPath™
n Dual High Efficiency Step-Down Switching Regulators
(200mA IOUT) with Adjustable Output Voltages
n Pushbutton On/Off Control with System Reset
n Full Featured Li-Ion/Polymer Battery Charger
n Programmable Charge Current with Thermal Limiting
n Instant-On Operation with Discharged Battery
n Compact Ultrathin 3mm × 3mm × 0.55mm 20-Pin
UTQFN Package
n USB-Based Handheld Products
n Portable Li-Ion/Polymer Based Electronic Devices
n Wearable Computers
n Low Power Medical Devices
VBUS
NTC
PROG
HPWR
SUSP
PWR_ON1
FSEL
STBY
PGOOD
PWR_ON2
PBSTAT
ON
VOUT
CHRG
BAT
BVIN
SW1
FB1
SW2
FB2
ON/OFF
Li-Ion
BATTERY
10μF
100k
100k
T
1.87k
10pF
10μF
2.2μF
2.05M
649k
3.3V
200mA
4.7μH
10pF
10μF
332k
649k
1.2V
200mA
3554 TA01a
10μH
SYSTEM
LOAD
4.35V TO 5.5V
USB INPUT
LTC3554
+
TEMPERATURE (°C)
–75 –50 –25
25
50
75
100 125
0
0
4
6
10
14
12
8
3554 TA01b
2
BOTH REGULATORS DISABLED
ONE REGULATOR ENABLED
HARD RESET
BOTH REGULATORS
ENABLED
VBAT = 3.8V
STBY = 3.8V
REGULATORS LOAD = 0mA
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. PowerPath is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
6522118, 6700364, 5481178, 6304066, 6570372, 6580258, 7511390.


Similar Part No. - LTC3554

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3554-1 LINER-LTC3554-1_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-2 LINER-LTC3554-2_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-3 LINER-LTC3554-3_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
More results

Similar Description - LTC3554

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC3557 LINER-LTC3557_15 Datasheet
323Kb / 28P
USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC3553 LINER-LTC3553_15 Datasheet
956Kb / 36P
Micropower USB Power Manager With Li-Ion Charger, LDO and Buck Regulator
LTC3554 LINER-LTC3554_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-1 LINER-LTC3554-1_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-2 LINER-LTC3554-2_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-3 LINER-LTC3554-3_15 Datasheet
525Kb / 36P
Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com