Electronic Components Datasheet Search
  English  ▼

X  

LTC3554 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3554
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3554 Datasheet HTML 28Page - Linear Technology LTC3554 Datasheet HTML 29Page - Linear Technology LTC3554 Datasheet HTML 30Page - Linear Technology LTC3554 Datasheet HTML 31Page - Linear Technology LTC3554 Datasheet HTML 32Page - Linear Technology LTC3554 Datasheet HTML 33Page - Linear Technology LTC3554 Datasheet HTML 34Page - Linear Technology LTC3554 Datasheet HTML 35Page - Linear Technology LTC3554 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC3554
32
3554f
OPERATION
The power dissipated by a step-down switching regulator
can be estimated as follows:
PD(SWx) = (BOUTx • IOUT) • (100 - Eff)/100
Where BOUTx is the programmed output voltage, IOUT is
the load current and Eff is the % efficiency which can
be measured or looked up on an efficiency table for the
programmed output voltage.
Thus the power dissipated by all regulators is:
PD(REGS) = PD(SW1) + PD(SW2)
It is not necessary to perform any worst-case power dis-
sipation scenarios because the LTC3554 will automatically
reduce the charge current to maintain the die temperature
at approximately 110°C. However, the approximate ambi-
ent temperature at which the thermal feedback begins to
protect the IC is:
TA = 110°C – PD • θJA
Example: Consider the LTC3554 operating from a wall
adapter with 5V (VBUS) providing 400mA (IBAT) to charge a
Li-Ion battery at 3.3V (BAT). Also assume PD(REGS) = 0.3W,
so the total power dissipation is:
PD = (5V – 3.3V) • 400mA + 0.3W = 0.98W
The ambient temperature above which the LTC3554 will
begin to reduce the 400mA charge current, is approxi-
mately:
TA = 110°C – 0.98W • 70°C/W = 41.4°C
The LTC3554 can be used above 41.4°C, but the charge
current will be reduced below 400mA. The charge current at
a given ambient temperature can be approximated by:
PD = (110°C – TA) / θJA = (VBUS – BAT) • IBAT + PD(REGS)
Thus:
IBAT = [(110°C – TA) / θJA - PD(REGS)]
(VBUS – BAT)
Consider the above example with an ambient tempera-
ture of 60°C. The charge current will be reduced to
approximately:
IBAT = [(110°C - 60°C) / 70°C/W - 0.3W]/(5V – 3.3V)
IBAT = (0.71W - 0.3W) / 1.7V = 241mA
Printed Circuit Board Layout
When laying out the printed circuit board, the following
list should be followed to ensure proper operation of the
LTC3554:
1. The Exposed Pad of the package (Pin 21) should con-
nect directly to a large ground plane to minimize thermal
and electrical impedance.
2. The trace to the step-down switching regulator input
supply pin (BVIN) and its decoupling capacitor should be
kept as short as possible. The GND side of this capacitor
should connect directly to the ground plane of the part.
This capacitor provides the AC current to the internal
power MOSFETs and their drivers. It is important to
minimize inductance from this capacitor to the pin of
the LTC3554. Connect BVIN to VOUT through a short
low impedance trace.
3. The switching power traces connecting SW1, and SW2
to their respective inductors should be minimized to
reduce radiated EMI and parasitic coupling. Due to the
large voltage swing of the switching nodes, sensitive
nodes such as the feedback nodes (FB1 and FB2) should
be kept far away or shielded from the switching nodes
or poor performance could result.
4. Connections between the step-down switching regu-
lator inductors and their respective output capacitors
should be kept as short as possible. The GND side of
the output capacitors should connect directly to the
thermal ground plane of the part.
5. Keep the buck feedback pin traces (FB1, and FB2) as
short as possible. Minimize any parasitic capacitance
between the feedback traces and any switching node
(i.e., SW1, SW2 and logic signals). If necessary, shield
the feedback nodes with a GND trace.
6. Connections between the LTC3554 PowerPath pins
(VBUS and VOUT) and their respective decoupling ca-
pacitors should be kept as short as possible. The GND
side of these capacitors should connect directly to the
ground plane of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com