Electronic Components Datasheet Search
  English  ▼

X  

LTC3554 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3554
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3554 Datasheet HTML 25Page - Linear Technology LTC3554 Datasheet HTML 26Page - Linear Technology LTC3554 Datasheet HTML 27Page - Linear Technology LTC3554 Datasheet HTML 28Page - Linear Technology LTC3554 Datasheet HTML 29Page - Linear Technology LTC3554 Datasheet HTML 30Page - Linear Technology LTC3554 Datasheet HTML 31Page - Linear Technology LTC3554 Datasheet HTML 32Page - Linear Technology LTC3554 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC3554
29
3554f
BAT
VBUS
ON (PB)
PBSTAT
BUCK1
BUCK2
PGOOD
PWR_ON1
PWR_ON2
STATE
PON
POFF
PDN2
3554 TD04
1s
μC/μP CONTROL
50ms
μC/μP CONTROL
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
Figure 10. Power-Down Via PWR_ON De-Assertion
OPERATION
Power-Up Via Asserting PWR_ON Pins
Figure 9 shows the LTC3554 powering up by driving
PWR_ON1 high. For this example the pushbutton circuitry
starts in the POFF or HR state with a battery connected
and all bucks disabled. Once PWR_ON1 goes high, the
pushbutton circuitry enters the PON state and buck1
powers up. Once buck1’s output is within 8% of its regu-
lation voltage for 230ms, PGOOD is asserted. Similarly,
if PWR_ON2 is brought high at a later time, buck2 will
power up. The pushbutton circuitry remains in the PON
state. During the time that buck2 powers up, PGOOD will
be held low. PGOOD will be asserted again once buck2 is
within 8% of its regulation for 230ms.
Powering up via PWR_ON is useful for applications
containing an always-on μC that’s not powered by the
LTC3554 regulators. That μC can power the application
up and down for housekeeping and other activities not
needing the user’s control.
Power-Down Via PWR_ON De-Assertion
Figure 10 shows the LTC3554 powering down by μC/μP
control. For this example the pushbutton circuitry starts
in the PON state with a battery connected and all bucks
enabled. The user presses the pushbutton (ON low) for at
least 50ms, which generates a debounced, low impedance
pulse on the PBSTAT output. After receiving the PBSTAT
signal, the μC/μP software decides to drive the PWR_ON
inputs low in order to power down. After the last PWR_ON
pin goes low, the pushbutton circuitry will enter the PDN2
state. In the PDN2 state a one second wait time is initi-
ated after which the pushbutton circuitry enters the POFF
state. During this one second time, the ON and PWR_ON
inputs as well as external power application are ignored to
allow all LTC3554 generated supplies to go low. Though
the above assumes a battery present, the same operation
would take place with a valid external supply (VBUS) with
or without a battery present.
BAT
VBUS
ON (PB)
PBSTAT
BUCK1
BUCK2
PGOOD
PWR_ON1
PWR_ON2
STATE
POFF/HR
PON
3554 TD03
230ms
230ms
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
Figure 9. Power-Up Via Asserting PWR_ON Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com