Electronic Components Datasheet Search
  English  ▼

X  

UCC1921 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC1921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1921 Datasheet(HTML) 5 Page - Texas Instruments

  UCC1921 Datasheet HTML 1Page - Texas Instruments UCC1921 Datasheet HTML 2Page - Texas Instruments UCC1921 Datasheet HTML 3Page - Texas Instruments UCC1921 Datasheet HTML 4Page - Texas Instruments UCC1921 Datasheet HTML 5Page - Texas Instruments UCC1921 Datasheet HTML 6Page - Texas Instruments UCC1921 Datasheet HTML 7Page - Texas Instruments UCC1921 Datasheet HTML 8Page - Texas Instruments UCC1921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
UCC1921
UCC2921
UCC3921
Figure 2. Retry Operation Mode
UDG-96276
t0: Safe condition. Output current is nominal, output
voltage is at the negative rail, VSS.
t1: Fault control reached. Output current rises above
the programmed fault value, CT begins to charge at
~36
µA.
t2: Maximum current reached. Output current reaches
the programmed maximum level and becomes a con-
stant current with value IMAX.
t3: Fault occurs. CT has charged to 2.5V, fault output
goes high, the FET turns off allowing no output current
to flow, VOUT floats up to ground.
t4: Retry. CT has discharged to 0.5V, but fault current is
still exceeded, CT begins charging again, FET is on,
VOUT pulled down towards VSS.
t5 = t3: Illustrates 3% duty cycle.
t6 = t4: Retry. CT has discharged to 0.5V, but fault is
still exceeded, CT begins charging again, FET is on,
VOUT pulled down towards VSS.
t7: Output short circuit. If VOUT is short circuited to
ground, CT charges at a higher rate depending upon
the values for VSS and RPL.
t8: Fault occurs. Output is still short circuited, but the
occurrence of a fault turns the FET off so no current is
conducted.
t9 = t4: Output short circuit released, still in fault mode.
t10 = t0: Fault released, safe condition. Return to nor-
mal operation of the hot swap power manager.
APPLICATION INFORMATION (continued)
Figure 1 shows the detailed circuitry for the fault timing
function of the UCC3921. For the time being, we will dis-
cuss a typical fault mode, therefore, the overload com-
parator, and current source I3 does not work into the
operation. Once the voltage across the current sense re-
sistor, RS, exceeds 50mV, a fault has occurred. This
causes the timing capacitor to charge with a combination
of 36
µA plus the current from the power limiting amplifier.
The PL amplifier is designed to only source current into
the CT pin and to begin sourcing current once the volt-
age across the output FET exceeds 5V. The current IPL
is related to the voltage across the FET with the following
expression:
I
VV
R
PL
FET
PL
=
− 5
where VFET is the voltage across the NMOS pass device.
Later it will be shown how this feature will limit average
power dissipation in the pass device. Note that under a
condition where the output current is more than the fault
level, but less than the max level, VOUT ≈ VSS (input
voltage), IPL = 0, the CT charging current is 36µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com