Electronic Components Datasheet Search
  English  ▼

X  

UCC1921 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC1921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1921 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC1921 Datasheet HTML 3Page - Texas Instruments UCC1921 Datasheet HTML 4Page - Texas Instruments UCC1921 Datasheet HTML 5Page - Texas Instruments UCC1921 Datasheet HTML 6Page - Texas Instruments UCC1921 Datasheet HTML 7Page - Texas Instruments UCC1921 Datasheet HTML 8Page - Texas Instruments UCC1921 Datasheet HTML 9Page - Texas Instruments UCC1921 Datasheet HTML 10Page - Texas Instruments UCC1921 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
UCC1921
UCC2921
UCC3921
If a5k<RLATCH < 250kΩ resistor is tied between
SDFLTCH & VSS, as optionally shown in Figure 6,
then the latched operating mode (described earlier)
will be invoked upon the occurrence of a fault.
3) To externally shutdown the HSPM, the SHUTDOWN
signal (typically held at LOCAL VDD) must be pulled
to LOCAL GND. Assuming SHUTDOWN is tied to
LOCAL GND, the P-channel level shift transistor will
conduct, driving SDFLTCH high (to roughly VDD plus
a diode). By sourcing > 250
µA into SDFLTCH for >
1ms the output to the external power FET will be dis-
abled. The current sourced into SDFLTCH must be
limited to 10mA or less: ISDFLTCHMAX < 10mA.
SAFETY RECOMMENDATIONS
Although the UCC3921 is designed to provide system
protection for all fault conditions, all integrated circuits
can ultimately fail short. For this reason, if the UCC3921
is intended for use in safety critical applications where
UL
®
or some other safety rating is required, a redundant
safety device such as a fuse should be placed in series
with the external power FET. The UCC3921 will prevent
the fuse from blowing for virtually all fault conditions, in-
creasing system reliability and reducing maintenance
cost, in addition to providing the hot swap benefits of the
device.
APPLICATION INFORMATION (continued)
Ω
Figure 7. Typical Telecommuications Application
(The “Negative Magnitude-Side” of the Supply is Switched in)
UDG-98053



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com