Electronic Components Datasheet Search
  English  ▼

X  

UCC1921 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC1921
Description  Latchable Negative Floating Hot Swap Power Manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC1921 Datasheet HTML 2Page - Texas Instruments UCC1921 Datasheet HTML 3Page - Texas Instruments UCC1921 Datasheet HTML 4Page - Texas Instruments UCC1921 Datasheet HTML 5Page - Texas Instruments UCC1921 Datasheet HTML 6Page - Texas Instruments UCC1921 Datasheet HTML 7Page - Texas Instruments UCC1921 Datasheet HTML 8Page - Texas Instruments UCC1921 Datasheet HTML 9Page - Texas Instruments UCC1921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
UCC1921
UCC2921
UCC3921
Figure 3. Latched Operation Mode: R
LATCH = 82k
APPLICATION INFORMATION (cont.)
UDG-96277
t0: Safe condition. Output current is nominal, output
voltage is at the negative rail, VSS.
t1: Fault control reached. Output current rises above
the programmed fault value, CT begins to charge at
~36
µA.
t2: Maximum current reached. Output current reaches
the programmed maximum level and becomes a con-
stant current with value IMAX.
t3: Fault occurs. CT has charged to 2.5V, fault output
goes high as indicated by the SDFLTCH voltage. The
FET turns off allowing no output current to flow, VOUT
floats up to ground, and since there is an 82k
Ω resistor
from the SDFLTCH pin to VSS, the internal latchset sig-
nal goes high.
t4: Since the user does not want the chip to LATCH off
during this cycle, he toggles SDFLTCH high for greater
than 1ms {t6 - t4 > 1ms}.
t5: The latchset signal is reset.
t6: Forcing of SDFLTCH is released after having been
applied for > 1ms.
t7: Retry (since the latchset signal has been reset to its’
low state) - CT has discharged to 0.5V, but fault current
is still exceeded, CT begins charging again, FET is on,
VOUT pulled down towards VSS.
t8 = t3: Fault occurs. CT has charged to 2.5V, fault out-
put goes high as indicated by the SDFLTCH voltage,
the FET turns off allowing no output current to flow,
VOUT floats up to ground, and since there is an 82kΩ
resistor from SDFLTCH to VSS, the internal latchset
signal goes high.
t9: Output is latched off. Even though CT has dis-
charged to 0.5V, there will not be a retry since the
latchset signal was allowed to remain high.
t10: Output remains latched off. CT has discharged all
the wayto0V.
t11: The output has been latched off for quite some
time. The user now wishes to reset the latched off out-
put, thus toggling SDFLTCH high for greater than 1ms
{t13 - t11}.
t12 = t5: The latchset signal is reset.
t13: Forcing of SDFLTCH is released after having been
applied for > 1ms. The fault had also been released
during the time the output was latched off, safe condi-
tion, return to normal operation of the hot swap power
manager.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com