Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8032
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 5Page - Linear Technology LTM8032 Datasheet HTML 6Page - Linear Technology LTM8032 Datasheet HTML 7Page - Linear Technology LTM8032 Datasheet HTML 8Page - Linear Technology LTM8032 Datasheet HTML 9Page - Linear Technology LTM8032 Datasheet HTML 10Page - Linear Technology LTM8032 Datasheet HTML 11Page - Linear Technology LTM8032 Datasheet HTML 12Page - Linear Technology LTM8032 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM8032
9
8032fa
APPLICATIONS INFORMATION
Table 1: Recommended Component Values and Configuration
VIN
VOUT
CIN
COUT
RADJ
BIAS
fOPTIMAL
RT(OPTIMAL)
fMAX
RT(MIN)
3.6V to 36V
0.82V
2.2μF
200μF 1206
5.62M
≥2.8V, <25V
250k
150k
250k
150k
3.6V to 36V
1.00V
2.2μF
200μF 1206
953k
≥2.8V, <25V
300k
124k
300k
124k
3.6V to 36V
1.20V
2.2μF
147μF 1206
487k
≥2.8V, <25V
350k
105k
350k
105k
3.6V to 36V
1.50V
2.2μF
147μF 1206
280k
≥2.8V, <25V
400k
88.7k
400k
88.7k
3.6V to 36V
1.80V
2.2μF
100μF 1206
196k
≥2.8V, <25V
450k
78.7k
450k
78.7k
3.6V to 36V
2.00V
2.2μF
68μF 1206
165k
≥2.8V, <25V
450k
78.7k
450k
78.7k
4.0V to 36V
2.20V
2.2μF
68μF 1206
140k
≥2.8V, <25V
500k
69.8k
500k
69.8k
4.3V to 36V
2.50V
2.2μF
47μF 1206
115k
≥2.8V, <25V
550k
61.9k
600k
54.9k
5.5V to 36V
3.30V
2.2μF
22μF 1206
78.7k
AUX
600k
54.9k
700k
44.2k
7V to 36V
5.00V
2.2μF
10μF 1206
47.5k
AUX
700k
44.2k
1M
29.4k
10.5V to 36V
8.00V
2.2μF
10μF 1206
27.4k
AUX
800k
39.2k
1.5M
16.2k
3.6V to 15V
0.82V
2.2μF
200μF 1206
5.62M
VIN
250k
150k
600k
54.9k
3.6V to 15V
1.00V
2.2μF
200μF 1206
953k
VIN
300k
124k
700k
44.2k
3.6V to 15V
1.20V
2.2μF
147μF 1206
487k
VIN
350k
105k
800k
39.2k
3.6V to 15V
1.50V
2.2μF
147μF 1206
280k
VIN
400k
88.7k
900k
34.0k
3.6V to 15V
1.80V
2.2μF
100μF 1206
196k
VIN
450k
78.7k
1M
29.4k
3.6V to 15V
2.00V
2.2μF
68μF 1206
165k
VIN
450k
78.7k
1.1M
26.1k
4.0V to 15V
2.20V
2.2μF
68μF 1206
140k
VIN
500k
69.8k
1.25M
22.1k
4.3V to 15V
2.50V
2.2μF
47μF 1206
115k
VIN
550k
61.9k
1.3M
21.0k
5.5V to 15V
3.30V
2.2μF
22μF 1206
78.7k
AUX
600k
54.9k
1.7M
14.0k
7V to 15V
5.00V
2.2μF
10μF 1206
47.5k
AUX
700k
44.2k
2M
10.0k
9V to 24V
0.82V
2.2μF
200μF 1206
5.62M
≥2.8V, <25V
250k
150k
400k
88.7k
9V to 24V
1.00V
2.2μF
200μF 1206
953k
≥2.8V, <25V
300k
124k
450k
79.0k
9V to 24V
1.20V
2.2μF
147μF 1206
487k
≥2.8V, <25V
350k
105k
500k
69.8k
9V to 24V
1.50V
2.2μF
147μF 1206
280k
≥2.8V, <25V
400k
88.7k
550k
61.9k
9V to 24V
1.80V
2.2μF
100μF 1206
196k
≥2.8V, <25V
450k
78.7k
650k
49.9k
9V to 24V
2.00V
2.2μF
68μF 1206
165k
≥2.8V, <25V
450k
78.7k
700k
44.2k
9V to 24V
2.20V
2.2μF
47μF 1206
140k
≥2.8V, <25V
500k
69.8k
750k
42.2k
9V to 24V
2.50V
2.2μF
22μF 1206
115k
≥2.8V, <25V
550k
61.9k
800k
39.2k
9V to 24V
3.30V
2.2μF
22μF 1206
78.7k
AUX
600k
54.9k
1M
29.4k
9V to 24V
5.00V
2.2μF
10μF 1206
47.5k
AUX
700k
44.2k
1.5M
16.2k
10.5V to 24V
8.00V
2.2μF
10μF 1206
27.4k
AUX
800k
39.2k
1.5M
16.2k
13V to 24V
10.00V
2.2μF
10μF 1206
21.5k
AUX
900k
34.0k
1.3M
21.0k
18V to 36V
0.82V
2.2μF
200μF 1206
5.62M
≥2.8V, <25V
250k
150k
250k
150k
18V to 36V
1.00V
2.2μF
200μF 1206
953k
≥2.8V, <25V
300k
124k
300k
124k
18V to 36V
1.20V
2.2μF
147μF 1206
487k
≥2.8V, <25V
350k
105k
350k
105k
18V to 36V
1.50V
2.2μF
147μF 1206
280k
≥2.8V, <25V
400k
88.7k
400k
88.7k
18V to 36V
1.80V
2.2μF
100μF 1206
196k
≥2.8V, <25V
450k
78.7k
450k
78.7k
18V to 36V
2.00V
2.2μF
68μF 1206
165k
≥2.8V, <25V
450k
78.7k
450k
78.7k
18V to 36V
2.20V
2.2μF
47μF 1206
140k
≥2.8V, <25V
500k
69.8k
500k
69.8k
18V to 36V
2.50V
2.2μF
22μF 1206
115k
≥2.8V, <25V
550k
61.9k
600k
54.9k
18V to 36V
3.30V
2.2μF
22μF 1206
78.7k
AUX
600k
54.9k
700k
44.2k
18V to 36V
5.00V
2.2μF
10μF 1206
47.5k
AUX
700k
44.2k
1M
29.4k
18V to 36V
8.00V
2.2μF
10μF 1206
27.4k
AUX
800k
39.2k
1.5M
16.2k
18V to 36V
10.00V
2.2μF
10μF 1206
21.5k
AUX
900k
34.0k
1.3M
21.0k
Note: An input bulk capacitor is required. 200μF is 2
× 100μF, 147 is 100μF||47μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com