Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8032
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 1 Page - Linear Technology

  LTM8032 Datasheet HTML 1Page - Linear Technology LTM8032 Datasheet HTML 2Page - Linear Technology LTM8032 Datasheet HTML 3Page - Linear Technology LTM8032 Datasheet HTML 4Page - Linear Technology LTM8032 Datasheet HTML 5Page - Linear Technology LTM8032 Datasheet HTML 6Page - Linear Technology LTM8032 Datasheet HTML 7Page - Linear Technology LTM8032 Datasheet HTML 8Page - Linear Technology LTM8032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8032
1
8032fa
TYPICAL APPLICATION
DESCRIPTION
Ultralow Noise
EMC Compliant 36V, 2A
DC/DC µModule
The LTM
®8032 is an electromagnetic compatible (EMC)
36V, 2A DC/DC μModule
® buck converter designed to
meet the radiated emissions requirements of EN55022.
Conducted emission requirements can be met by adding
standard filter components. Included in the package are the
switching controller, power switches, inductor, filters and
all support components. Operating over an input voltage
range of 3.6V to 36V, the LTM8032 supports an output
voltage range of 0.8V to 10V, and a switching frequency
range of 200kHz to 2.4MHz, each set by a single resistor.
Only the bulk input and output filter capacitors are needed
to finish the design. The low profile package (2.82mm)
enables utilization of unused space on the bottom of PC
boards for high density point of load regulation.
The LTM8032 is packaged in a thermally enhanced, compact
(9mm
×15mm)andlowprofile(2.82mm)overmoldedland
grid array (LGA) package suitable for automated assembly
by standard surface mount equipment. The LTM8032 is
RoHS compliant.
Ultralow Noise 5V/2A DC/DC μModule Regulator
FEATURES
APPLICATIONS
n Complete Step-Down Switch Mode Power Supply
n Wide Input Voltage Range: 3.6V to 36V
n 2A Output Current
n 0.8V to 10V Output Voltage
n Selectable Switching Frequency: 200kHz to 2.4MHz
n EN55022 Class B Compliant
n Current Mode Control
n (e4) RoHS Compliant Package with Gold Pad Finish
n Programmable Soft-Start
n Low Profile (9mm
× 15mm × 2.82mm)
Surface Mount LGA Package
n Automotive Battery Regulation
n Power for Portable Products
n Distributed Supply Regulation
n Industrial Supplies
n Wall Transformer Regulation
RT
SHARE
47.5k
44.2k
fSW = 700kHz
*RUNNING VOLTAGE RANGE.
SEE APPLICATIONS FOR START-UP DETAILS
VIN
FIN
2.2μF
10μF
VOUT
5V
2A
RUN/SS
VIN*
7VDC TO 36VDC
PGOOD
BIAS
LTM8032
AUX
OUT
SYNC GND
8032 TA01a
ADJ
LTM8032 EMI Performance
90
70
50
30
10
80
60
40
20
0
–10
0
100 200 300 400 500
FREQUENCY (MHz)
600 700 800 900 1000
EN55022
CLASS B
LIMIT
8031 TA01b
, LT, LTC, LTM and μModule are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTM8032

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8032 LINER-LTM8032 Datasheet
267Kb / 32P
關Module Boost LED Driver and Current Source
LTM8032 LINER-LTM8032 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8032 LINER-LTM8032 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
More results

Similar Description - LTM8032

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
1A, 36V DC/DC 關Module
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
2A, 36V DC/DC 關Module
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM8020 LINER-LTM8020 Datasheet
195Kb / 16P
200mA, 36V DC/DC 關Module
LTM8033 LINER-LTM8033 Datasheet
274Kb / 24P
Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8033 LINER-LTM8033_15 Datasheet
382Kb / 26P
Ultralow Noise EMC 36VIN, 3A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com