Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8032
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 3 Page - Linear Technology

  LTM8032 Datasheet HTML 1Page - Linear Technology LTM8032 Datasheet HTML 2Page - Linear Technology LTM8032 Datasheet HTML 3Page - Linear Technology LTM8032 Datasheet HTML 4Page - Linear Technology LTM8032 Datasheet HTML 5Page - Linear Technology LTM8032 Datasheet HTML 6Page - Linear Technology LTM8032 Datasheet HTML 7Page - Linear Technology LTM8032 Datasheet HTML 8Page - Linear Technology LTM8032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8032
3
8032fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8032E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the –40°C to 125°C
internal temperature range are assured by design, characterization and
correlation with statistical process controls. LTM8032I is guaranteed
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBIAS = 3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
3.6
36
V
VOUT
Output DC Voltage
0.2A < IOUT ≤ 2A, RADJ Open
0.2A < IOUT ≤ 2A, RADJ = 21.6k
0.8
10
V
V
IOUT
Continuous Output DC Current
VIN = 24V
2
A
IQ(VIN)
VIN Quiescent Current
VRUN/SS = 0.2V
VBIAS = 3V, Not Switching
VBIAS = 0V, Not Switching
l
0.6
25
88
60
120
μA
μA
μA
IQ(BIAS)
BIAS Quiescent Current
VRUN/SS = 0.2V
VBIAS = 3V, Not Switching
VBIAS = 0V, Not Switching
l
0.03
60
1
120
5
μA
μA
μA
ΔVOUT
VOUT
Line Regulation
10V ≤ VIN ≤ 36V, IOUT = 1A, VOUT = 3.3V
0.1
%
Load Regulation
VIN = 24V, 0.2A ≤ IOUT ≤ 2A, VOUT = 3.3V
0.3
%
VOUT(AC_RMS) Output Ripple (RMS)
VIN = 24V, IOUT = 2A, VOUT = 3.3V
6
mV
fSW
Switching Frequency
RT = 113k
325
kHz
VADJ
Voltage at ADJ Pin
l
765
790
815
mV
VBIAS(MIN)
Minimum BIAS Voltage for Proper Operation
1.9
2.8
V
IADJ
Current Out of ADJ Pin
VRUN/SS = 0V, VADJ = 0V, VOUT = 1V
4
μA
IRUN/SS
RUN/SS Pin Current
VRUN/SS = 2.5V
5
10
μA
VIH(RUN/SS)
RUN/SS Input High Voltage
2.5
V
VIL(RUN/SS)
RUN/SS Input Low Voltage
0.2
V
VPG(TH)
ADJ Voltage Threshold for PGOOD to Switch
730
mV
IPGO
PGOOD Leakage
VPG = 30V
0.1
1
μA
IPGSINK
PGOOD Sink Current
VPG = 0.4V
200
800
μA
VSYNCIL
SYNC Input Low Threshold
fSYNC = 550kHz
0.5
V
VSYNCIH
SYNC Input High Threshold
fSYNC = 550kHz
0.7
V
ISYNC(BIAS)
SYNC Pin Bias Current
VSYNC = 0V, VBIAS = 0V
0.1
μA
VIN(RIPPLE)
550kHz Narrowband Conducted Emission
1MHz Narrowband Conducted Emission
3MHz Narrowband Conducted Emission
VIN = 24V, VOUT = 3.3V, IOUT = 2A, fSW = 550kHz,
5μH LISN
89
69
51
dBμV
dBμV
dBμV
to meet specifications over the full –40°C to 125°C internal operating
temperature range. The LTM8032MP is guaranteed to meet specifications
over the full –55°C to 125°C internal operating temperature range. Note
that the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 3: See Linear Technology Application Note 100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com