Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8032
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 12Page - Linear Technology LTM8032 Datasheet HTML 13Page - Linear Technology LTM8032 Datasheet HTML 14Page - Linear Technology LTM8032 Datasheet HTML 15Page - Linear Technology LTM8032 Datasheet HTML 16Page - Linear Technology LTM8032 Datasheet HTML 17Page - Linear Technology LTM8032 Datasheet HTML 18Page - Linear Technology LTM8032 Datasheet HTML 19Page - Linear Technology LTM8032 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM8032
16
8032fa
TYPICAL APPLICATIONS
2.5V Step-Down Converter
5V Step-Down Converter
RT
SHARE
115k
*RUNNING VOLTAGE RANGE.
SEE APPLICATIONS FOR START-UP DETAILS
61.9k
VIN
FIN
2.2μF
47μF
VOUT
2.5V
2A
RUN/SS
VIN*
4.3VDC TO 36VDC
3.3V
PGOOD
BIAS
LTM8032
AUX
OUT
SYNC GND
8032 TA04
ADJ
RT
SHARE
VIN
FIN
2.2μF
10μF
47.5k
44.2k
VOUT
5V
2A
RUN/SS
VIN*
7VDC TO 36VDC
PGOOD
BIAS
LTM8032
AUX
OUT
SYNC GND
8032 TA05
ADJ
*RUNNING VOLTAGE RANGE.
SEE APPLICATIONS FOR START-UP DETAILS
3.3V Step-Down Converter
RT
SHARE
VIN
FIN
2.2μF
22μF
78.7k
54.9k
VOUT
3.3V
2A
RUN/SS
VIN*
5.5VDC TO 36VDC
PGOOD
BIAS
LTM8032
AUX
OUT
SYNC GND
8032 TA08
ADJ
*RUNNING VOLTAGE RANGE.
SEE APPLICATIONS FOR START-UP DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com