Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM9002
8
9002f
TIMING DIAGRAMS
Auxiliary DAC Timing
SDI
CS/LD
SCK
9002 TD03
t2
t10
t5
t7
t6
t1
t3
t4
12
3
23
24
C3
C2
C1
D1
D0
Differential Non-Linearity (DNL)
vs Output Code
Integral Non-Linearity (INL),
Best Fit vs Output Code
SNR vs Frequency
Input Impedance vs Frequency
IF Frequency Response
OUTPUT CODE
0
1.0
0.8
0.4
–0.4
–0.2
0.6
0.2
0
–0.6
–0.8
–1.0
12288
8192
9002 G01
16384
4096
OUTPUT CODE
0
4.0
3.0
1.0
–2.0
–1.0
2.0
0
–3.0
–4.0
12288
8192
9002 G02
16384
4096
IF FREQUENCY (MHz)
9002 G03
72
71
63
64
65
66
67
68
69
70
62
1
100
1000
10
FREQUENCY (MHz)
9002 G04
60
55
15
10
5
20
25
30
35
40
45
50
0
10
MAGNITUDE
PHASE
9
1
0
–1
2
3
4
5
6
7
8
–2
1
100
1000
10
IF FREQUENCY (MHz)
9002 G05
0
–14
–16
–18
–12
–10
–8
–6
–4
–2
–20
1
100
1000
10
TYPICAL PERFORMANCE CHARACTERISTICS
(LTM9002-AA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com