Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM9002
11
9002f
PIN FUNCTIONS
Supply Pins
GND (Pins A1-2, A5-7, B2-4, B6, C2-3, C6, D1-3, D5-7,
D9-10, E5-6, E9-10, F1-2, F5-7, F9-10, G2-3, G6, H2-4,
H6, J1-2, J5-7): ADC Power Ground.
OGND (Pins A12, C9, G9, J12): Output Driver Ground.
OVDD (Pins B12, H12): Positive supply for the ADC output
drivers. The specified operating range is 0.5V to 3.6V. OVDD
is internally bypassed to OGND.
VCC (Pins E3, E4): Amplifier and Auxiliary DAC Power Sup-
ply. The specified operating range is 2.85V to 3.465V. The
voltage on this pin provides power for the amplifier stage
and auxiliary DACs only and is internally bypassed to GND.
Note that LTM9002-LA does not have auxiliary DACs.
VDD (PinsE7,E8):Analog3VSupplyforADC.Thespecified
operating range is 2.7V to 3.6V. VDD is internally bypassed
to GND.
Analog Inputs
CLKA (Pin A3): Channel A ADC Clock Input. The input
sample starts on the positive edge.
CLKB (Pin A4): Channel B ADC Clock Input. The input
sample starts on the positive edge.
DNC1 (Pin H5): Do Not Connect. These pins are used for
testing and should not be connected on the PCB. They
should be soldered to unconnected pads and should be
well isolated. The DNC pins connect to the signal path
prior to the ADC inputs; therefore, care should be taken
to keep other signals away from these sensitive nodes.
DNC1 connects near the channel A positive differential
analog input.
DNC2 (Pin G5): Do Not Connect. These pins are used for
testing and should not be connected on the PCB. They
should be soldered to unconnected pads and should be
well isolated. The DNC pins connect to the signal path
prior to the ADC inputs; therefore, care should be taken
to keep other signals away from these sensitive nodes.
DNC2 connects near the channel A negative differential
analog input.
DNC3 (Pin C5): Do Not Connect. These pins are used for
testing and should not be connected on the PCB. They
should be soldered to unconnected pads and should be
well isolated. The DNC pins connect to the signal path
prior to the ADC inputs; therefore, care should be taken
to keep other signals away from these sensitive nodes.
DNC3 connects near the channel B positive differential
analog input.
DNC4 (Pin B5): Do Not Connect. These pins are used for
testing and should not be connected on the PCB. They
should be soldered to unconnected pads and should be
well isolated. The DNC pins connect to the signal path
prior to the ADC inputs; therefore, care should be taken
to keep other signals away from these sensitive nodes.
DNC4 connects near the channel B negative differential
analog input.
DNC5 (Pin G4): Do Not Connect. This pin is used for test-
ing and should not be connected on the PCB. It should
be soldered to an unconnected pad and should be well
isolated. This is a test point for the auxiliary DAC channel A
voltage output.
DNC6 (Pin C4): Do Not Connect. This pin is used for test-
ing and should not be connected on the PCB. It should
be soldered to an unconnected pad and should be well
isolated. This is a test point for the auxiliary DAC channel B
voltage output.
INA– (Pin G1):
Channel A Negative (Inverting) Amplifier
Input.
INA+ (Pin H1):
Channel A Positive (Noninverting) Am-
plifier Input.
INB– (Pin C1):
Channel B Negative (Inverting) Amplifier
Input.
INB+ (Pin B1):
Channel B Positive (Noninverting) Am-
plifier Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com