Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM9002
12
9002f
Control Pins
ADCSHDNA (Pin G7): Channel A Shutdown Mode Selec-
tion Pin. Connecting ADCSHDNA to GND and OEA to GND
results in normal operation with the outputs enabled.
Connecting ADCSHDNA to GND and OEA to VDD results
in normal operation with the outputs at high impedance.
Connecting ADCSHDNA to VDD and OEA to GND results in
nap mode with the outputs at high impedance. Connecting
ADCSHDNA to VDD and OEA to VDD results in sleep mode
with the outputs at high impedance.
ADCSHDNB (Pin C7): Channel B Shutdown Mode Selec-
tion Pin. Connecting ADCSHDNB to GND and OEB to GND
results in normal operation with the outputs enabled.
Connecting ADCSHDNB to GND and OEB to VDD results
in normal operation with the outputs at high impedance.
Connecting ADCSHDNB to VDD and OEB to GND results in
nap mode with the outputs at high impedance. Connecting
ADCSHDNB to VDD and OEB to VDD results in sleep mode
with the outputs at high impedance.
AMPSHDNA (Pin E1): Power Shutdown Pin for Channel A
Amplifier. This pin is a logic input referenced to analog
ground. AMPSHDN = low results in normal operation.
AMPSHDN = high results in powered down amplifier with
a <1mA amplifier supply current.
AMPSHDNB (Pin E2): Power Shutdown Pin for Channel B
Amplifier. This pin is a logic input referenced to analog
ground. AMPSHDN = low results in normal operation.
AMPSHDN = high results in powered down amplifier with
a <1mA amplifier supply current.
MODE (Pin G8): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Note that MODE controls both
channels. Connecting MODE to GND selects straight binary
output format and turns the clock duty cycle stabilizer off.
1/3 VDD selects straight binary output format and turns
the clock duty cycle stabilizer on. 2/3 VDD selects 2’s
complement output format and turns the clock duty cycle
stabilizer on. VDD selects 2’s complement output format
and turns the clock duty cycle stabilizer off.
MUX (Pin C8): Digital Output Multiplexer Control. If MUX
= high, channel A comes out on DAx; channel B comes
out on DBx. If MUX = low, the output busses are swapped
and channel A comes out on DBx; channel B comes out
on DAx. To multiplex both channels onto a single output
bus, connect MUX, CLKA and CLKB together.
OEA (Pin F8): Channel A Output Enable Pin. Refer to
ADCSHDNA pin function.
OEB (Pin D8): Channel B Output Enable Pin. Refer to
ADCSHDNB pin function.
SENSEA (Pin J4): Channel A Reference Programming Pin.
Connecting SENSEA to VDD selects the internal reference
and the higher input range. Connecting to 1.5V selects the
lower range. An external reference greater than 0.5V and
less than 1V applied to SENSEA selects an input range of
±VSENSEA/GAIN. See SENSE Pin Operation section.
SENSEB (Pin J3): Channel B Reference Programming Pin.
Connecting SENSEB to VDD selects the internal reference
and the higher input range. Connecting to 1.5V selects the
lower range. An external reference greater than 0.5V and
less than 1V applied to SENSEB selects an input range of
±VSENSEB/GAIN. See SENSE Pin Operation section.
Digital Inputs (Not Connected on LTM9002-LA)
CS/LD (Pin F3): Serial Interface Chip Select/Load Input
for Auxiliary DAC. When CS/LD is low, SCK is enabled
for shifting data on SDI into the register. When CS/LD is
taken high, SCK is disabled and the specified command
(see Table 3) is executed.
SCK (Pin F4): Serial Interface Clock Input for Auxiliary
DAC. CMOS and TTL compatible.
SDI (Pin D4): Serial Interface Data Input for Auxiliary
DAC. Data is applied to SDI for transfer to the device at
the rising edge of SCK. The auxiliary DAC accepts input
word lengths of either 24 or 32 bits.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com