Electronic Components Datasheet Search
  English  ▼

X  

SH7137 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7137
Description  SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data and DTC Data Transfer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7137 Datasheet HTML 3Page - Renesas Technology Corp SH7137 Datasheet HTML 4Page - Renesas Technology Corp SH7137 Datasheet HTML 5Page - Renesas Technology Corp SH7137 Datasheet HTML 6Page - Renesas Technology Corp SH7137 Datasheet HTML 7Page - Renesas Technology Corp SH7137 Datasheet HTML 8Page - Renesas Technology Corp SH7137 Datasheet HTML 9Page - Renesas Technology Corp SH7137 Datasheet HTML 10Page - Renesas Technology Corp SH7137 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SH7136/SH7137 Group
SCI Clock Synchronous Simultaneous Transmit and
Receive of Serial Data and DTC Data Transfer
REJ06B0890-0100/Rev.1.00
July 2009
Page 7 of 22
(1) Allocation of Transfer Information
Figure 4 shows the allocation of DTC transfer information in normal mode. The DTC transfer information is assigned
to a data area in a location such as on-chip RAM. Use address 4n as the start address for transfer information. If an
address other than 4n is specified, the lowest two bits are ignored when access is performed (lowest 2 bits = B'00).
Allocation of transfer
information in normal mode
Start address
Lower addresses
Transfer information
for one transfer round
(4 longwords)
01
23
MRB
MRA
SAR
DAR
CRA
CRB
4 bytes
MRB
MRA
SAR
DAR
CRA
CRB
Transfer information
for 2nd transfer round
in chain transfer
(4 longwords)
Chain transfer
Figure 4 Allocation of Transfer Information in Data Area
(2) Setting the DTC Vector Address
For each activation source, the DTC reads the start address of the transfer information from a vector table, then reads
the transfer information from this start address. Figure 5 shows the correspondence between the DTC vector table and
the transfer information.
For information on the correspondence between DTC activation sources and vector addresses, see the Data Transfer
Controller (DTC) section in the SH7137 Group Hardware Manual (RJJ09B0392).
Figure 5 Correspondence between DTC Vector Table and Transfer Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com