Electronic Components Datasheet Search
  English  ▼

X  

SH7137 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SH7137
Description  SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data and DTC Data Transfer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SH7137 Datasheet HTML 1Page - Renesas Technology Corp SH7137 Datasheet HTML 2Page - Renesas Technology Corp SH7137 Datasheet HTML 3Page - Renesas Technology Corp SH7137 Datasheet HTML 4Page - Renesas Technology Corp SH7137 Datasheet HTML 5Page - Renesas Technology Corp SH7137 Datasheet HTML 6Page - Renesas Technology Corp SH7137 Datasheet HTML 7Page - Renesas Technology Corp SH7137 Datasheet HTML 8Page - Renesas Technology Corp SH7137 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SH7136/SH7137 Group
SCI Clock Synchronous Simultaneous Transmit and
Receive of Serial Data and DTC Data Transfer
REJ06B0890-0100/Rev.1.00
July 2009
Page 3 of 22
2. Description of the Sample Application
In this application example, the transmit data empty interrupt (TXI) and receive data full interrupt (RXI) of the serial
communication interface (SCI) are used to activate the data transfer controller (DTC) and perform clock synchronous
serial data simultaneous transmit and receive. The DTC is set to use two channels, one for SCI transmit and one for SCI
receive. The DTC’s normal transfer mode is used.
2.1
Operational Overview of Module Used
2.1.1
Serial Communication Interface (SCI)
The clock synchronous mode enables data transmit and receive operation in synchronization with a clock pulse, making
it suitable for high-speed serial communication. Either an internal clock or an external clock input via the SCK pin may
be selected as the clock source. When an internal clock is selected, the synchronization clock is output by the SCK pin.
When an external clock is selected, the synchronization clock is input to the SCK pin.
Internally, the SCI has independent transmit and receive blocks, and full-duplex communication is possible by using a
common synchronization clock. The transmit and receive blocks each have a double-buffered configuration, so data can
be read or written during transmission or reception, enabling continuous data transfer.
For details of the SCI, see the Serial Communication Interface (SCI) section in the SH7137 Group Hardware Manual
(RJJ09B0392).
Table 1 shows an overview of clock synchronous communication. Figure 2 is a block diagram of the SCI.
Table 1 Overview of Clock Synchronous Serial Communication
Item
Description
Number of channels
3 channels (SCI_0, SCI_1, SCI_2)
Clock sources
• Internal clock: Pφ, Pφ/4, Pφ/16, Pφ/64 (Pφ: peripheral clock)
• External clock: Clock input on SCK pin
Data format
• Transfer data length: 8-bit data fixed
• Transfer sequence: Selectable between LSB-first and MSB-first
Baud rate
• When internal clock selected: 250 bps to 5,000,000 bps (Pφ = 40 MHz
operation)
• When external clock selected: Max. 6,666,666.7 bps (Pφ = 40 MHz and
external clock input = 6.6667 MHz operation)
Receive error detection
Overrun error
Interrupt requests
• Transmit data empty interrupt (TXI)
• Transmit end interrupt (TEI)
• Receive data full interrupt (RXI)
• Receive error interrupt (ERI)
Clock source
• Selectable between internal clock and external clock
• When internal clock selected: Clock of SCI’s internal on-chip baud rate
generator is used for operation. Synchronization clock is output on SCK pin.
• When external clock selected: On-chip baud rate generator is not used.
External synchronization clock input via SCK pin is used for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com