Electronic Components Datasheet Search
  English  ▼

X  

SH7137 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SH7137
Description  SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data and DTC Data Transfer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SH7137 Datasheet HTML 1Page - Renesas Technology Corp SH7137 Datasheet HTML 2Page - Renesas Technology Corp SH7137 Datasheet HTML 3Page - Renesas Technology Corp SH7137 Datasheet HTML 4Page - Renesas Technology Corp SH7137 Datasheet HTML 5Page - Renesas Technology Corp SH7137 Datasheet HTML 6Page - Renesas Technology Corp SH7137 Datasheet HTML 7Page - Renesas Technology Corp SH7137 Datasheet HTML 8Page - Renesas Technology Corp SH7137 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
APPLICATION NOTE
REJ06B0890-0100/Rev.1.00
July 2009
Page 1 of 22
SH7136/SH7137 Group
SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data
and DTC Data Transfer
Introduction
This application note describes an operation example of the clock synchronous serial transmit and receive functions of
the serial communication interface (SCI), using the data transfer controller (DTC) of the SH7137.
Target Device
SH7137
Contents
1.
Introduction ....................................................................................................................................... 2
2.
Description of the Sample Application .............................................................................................. 3
3.
Documents for Reference ............................................................................................................... 21


Similar Part No. - SH7137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137_09 Datasheet
177Kb / 24P
Output of Complementary Pairs of PWM Signals in Three Phases
More results

Similar Description - SH7137

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
LG1600FXH Clock and Data Regenerator
August 1999
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
LG1600KXH Clock and Data Regenerator
June 1999
logo
NXP Semiconductors
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Hitachi Semiconductor
HD6852 HITACHI-HD6852 Datasheet
72Kb / 1P
Synchronous Serial Data Adapter
logo
Integral Corp.
ILX207DW INTEGRAL-ILX207DW Datasheet
202Kb / 8P
Interface IC of data serial transfer with one supply voltage
ILX208DW INTEGRAL-ILX208DW Datasheet
201Kb / 8P
Interface IC of data serial transfer with one supply voltage
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
logo
Silicon Laboratories
BRD4502B SILABS-BRD4502B Datasheet
1Mb / 16P
Single antenna connector both for transmit and receive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com