Electronic Components Datasheet Search
  English  ▼

X  

BBS-2002 Datasheet(PDF) 7 Page - BOSER Technology Co., Ltd

Part # BBS-2002
Description  1U High, Small Box Bare Bone System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2002 Datasheet(HTML) 7 Page - BOSER Technology Co., Ltd

Back Button BBS-2002 Datasheet HTML 3Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 4Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 5Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 6Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 7Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 9Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 10Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 11Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1
Chapter 1
General Description
This chapter contains the general information and the detailed
specifications of the BBS-2002. Chapter 1 includes the following
sections:
General Description
Features
Specifications
I/O Outlets
Utilities Supported
Dimensions
1.1 General Description
Enclosed in a 1U small box structure, the physical appearance of the
BBS-2002 may seem to be identical to a high-powered DC power
supply, but do not let its physical attributes mislead you. This small box
houses a semi-functional system based on the HS-5230CF PCI-ISA
Bus SBC that supports a Cyrix Geode GX1 300MHz low power
embedded CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com