Electronic Components Datasheet Search
  English  ▼

X  

BBS-2002 Datasheet(PDF) 8 Page - BOSER Technology Co., Ltd

Part # BBS-2002
Description  1U High, Small Box Bare Bone System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2002 Datasheet(HTML) 8 Page - BOSER Technology Co., Ltd

Back Button BBS-2002 Datasheet HTML 4Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 5Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 6Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 7Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 9Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 10Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 11Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 12Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2
Powered by a 45W power supply, the BBS-2002 small box’s front panel
incorporates various connectors for VGA, dual LAN, 4 COM, keyboard
and mouse for user friendly connections. An exclusive COM port slot is
reserved for future connection to the HS-5230CF PCI-ISA Bus SBC.
The chassis can also accommodate one 2.5” hard drive space. Airflow
management within the chassis is fulfilled effectively by two 4cm ball
bearing cooling fans on the rear panel.
1.2 Features
1U high, small box design
Built-in HS-5230CF PCI-ISA Bus SBC
Built-in 300MHz low power CPU, 45W power supply
Cyrix CX5530 CRT/Panel display controller
Dual RealTek RTL8100 10/100 Based LAN
Cyrix CX5530 3D audio controller
CompactFlash card adapter, four COM, two USB connectors
One 2.5” HDD space
PC/104 Bus connector
DiskOnChip
TM socket supporting memory sizes of up to 288MB
Two 4cm ball bearing cooling fans
1.3 Specifications
System Board: HS-5230CF industrial PCI-ISA Bus SBC
CPU: Cyrix Geode GX1 300MHz low power embedded CPU
Memory: One DIMM socket supporting up to 256MB
Chipset: Cyrix Geode GX1/CX5530
CompactFlash: One, IDE interface adapter
VGA: Cyrix CX5530 with 4MB shared main memory supporting
CRT/Panel displays up to 1024 x 768 at 16-bit colors
LAN: Dual RealTek RTL8100 10/100 Based LAN
Audio: Cyrix CX5530 3D audio controller
HDD/FDD/CD-ROM: One 2.5” HDD space
Serial Port: One RS-232/422/485 and three RS-232, OR four
RS-232
PC/104: PC/104 connector for 16-bit ISA Bus
USB: Two USB connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com