Electronic Components Datasheet Search
  English  ▼

X  

BBS-2002 Datasheet(PDF) 15 Page - BOSER Technology Co., Ltd

Part # BBS-2002
Description  1U High, Small Box Bare Bone System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2002 Datasheet(HTML) 15 Page - BOSER Technology Co., Ltd

Back Button BBS-2002 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 9Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 10Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 11Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 12Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 13Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 14Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 15Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 16Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
9
Chapter 4
Power Supply
The power supply used in the BBS-2002 is a 45W AT power supply.
The specifications and features of this special power supply are listed
in the following sections.
4.1 Specifications
4.1.1 Input Specifications
Input Voltage: The range of input voltage is from 90VAC to 264VAC or
120VDC to 370VDC
Input Frequency: The range of input frequency is from 47HZ to 440HZ
Input Current: The maximum input current is 1A (RMS) at 115VAC
Inrush Current:
The cold inrush current will limit less than 50A at
264VAC input voltage
4.1.2 Output Specifications
Load Range: Voltage accuracy is set at full load. Maximum output power is
42.6W
Output Min. Load Rated Load Max. Load Voltage Accuracy
+5V
0.4A
3A
5A
4.85~5.15V
+12V
0.2A
2A
2.5A
11.52~12.48V
-12V
0A
0.3
0.5A
11.64~12.36V
Ripple and Noise: The peak to peak ripple and noise for +5V output is less
than 50mV, 120mV for +/-12V outputs. Measuring is done by 20MHz
bandwidth limited oscilloscope and terminated each output with a 0.1uF
ceramic capacitor and a 10uF electrolysis capacitor at rated load, nominal
line
Line Regulation: The line regulation for +5V and –12V is less than +/-1%,
+/-2% for +12V. Measuring at full load and from 100VAC to 240VAC input
voltage changing
Load regulation: The load regulation for +5V output is less than +/-3%,
+/-5% for +12V, and +/-1% for –12V. Measuring is measured from 60% to
100% and 60% to 20% with full load (60% +/-40% full load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com