Electronic Components Datasheet Search
  English  ▼

X  

BBS-2002 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BBS-2002
Description  1U High, Small Box Bare Bone System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2002 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BBS-2002 Datasheet HTML 1Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 2Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 3Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 4Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 5Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 6Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 7Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2002 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BBS-2002
1U High, Small Box Bare Bone System
•
1U High, Small Box•
•
HS-5230CF PCI-ISA Bus SBC•
•
300MHz Low Power CPU•
•
45W Power Supply•


Similar Part No. - BBS-2002

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2003 BOSER-BBS-2003 Datasheet
127Kb / 2P
2U High, Compact PC with MainBoard, two PCI slots, 70W P/S
BBS-2003 BOSER-BBS-2003 Datasheet
427Kb / 16P
2U High, Small Box Bare Bone System
BBS-2003DC BOSER-BBS-2003DC Datasheet
127Kb / 2P
2U High, Compact PC with MainBoard, two PCI slots, 70W P/S
BBS-2003 BOSER-BBS-2003_1 Datasheet
427Kb / 16P
2U High, Small Box Bare Bone System
More results

Similar Description - BBS-2002

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-1080S BOSER-BBS-1080S Datasheet
3Mb / 88P
19??1U Height Half-size Bare Bone System with Pentium 4 Embedded Engine Board & 180W P4 ATX P/S
BBS-2003 BOSER-BBS-2003_1 Datasheet
427Kb / 16P
2U High, Small Box Bare Bone System
BBS-2520 BOSER-BBS-2520_1 Datasheet
630Kb / 30P
Small Box Bare Bone System
logo
Advantech Co., Ltd.
IRS-3500 ADVANTECH-IRS-3500_15 Datasheet
466Kb / 1P
1U High Performance Rugged System
logo
Analog Intergrations Co...
AIC6191 AIC-AIC6191 Datasheet
217Kb / 9P
Single Channel Bare-Bone USB Switch
AIC6193 AIC-AIC6193 Datasheet
180Kb / 8P
Single Channel Bare-Bone USB Switch
AIC6196 AIC-AIC6196 Datasheet
221Kb / 9P
Dual Channel Bare-Bone USB Switch
AIC6198 AIC-AIC6198 Datasheet
186Kb / 8P
Dual Channel Bare-Bone USB Switch
logo
Silicon Supplies
2N7002 SS-2N7002 Datasheet
620Kb / 4P
Small Signal MOSFET Bare Die
2N7000 SS-2N7000 Datasheet
730Kb / 4P
Small Signal MOSFET Bare Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com