Electronic Components Datasheet Search
  English  ▼

X  

ML720 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 3Page - Extech Instruments Corporation. ML720 Datasheet HTML 4Page - Extech Instruments Corporation. ML720 Datasheet HTML 5Page - Extech Instruments Corporation. ML720 Datasheet HTML 6Page - Extech Instruments Corporation. ML720 Datasheet HTML 7Page - Extech Instruments Corporation. ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. ML720 Datasheet HTML 10Page - Extech Instruments Corporation. ML720 Datasheet HTML 11Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6
FREQUENCY
Function
Sensitivity
(ACrms)
Range
mV
300mV
10Hz - 125kHz
5V
2V
10Hz - 125kHz
50V
20V
10Hz - 20kHz
500V
80V
10Hz - 1kHz
1000V
300V
10Hz - 1kHz
Ω, Cx, diode
300mV
10Hz - 125kHz
µA, mA, A
10% F.S.
10Hz - 125kHz
Accuracy: 0.01% + 2d
Accuracy Notes: Accuracy is
± (% reading digits + number of digits), or
as otherwise specified, at 23
°C
±5°C < 75% R.H. True RMS accuracies
are specified from 5% to 100% of range or as otherwise specified.
Maximum Crest Factor <3:1 at full scale & <6:1 at half scale (with
frequency component within the specified frequency bandwidth for non-
sinusoidal waveforms).
Audible Continuity:
Measurement threshold: Beeper will sound if measurement is below
20
Ω. Beeper will not sound if measurement is above 200Ω. Beeper
may or may not sound if measurement is between 20 and 200
Ω.
Response time: < 100
µs
Digital Display:
5000-count LCD display; 5 per second
nominal refresh rate
Bar Graph Display:
52-segment bargraph; 60 per second nominal
refresh rate
Datalogging Capacity:
43000 points
Datalog Sample Rate:
0.05 (0.2 for
oC/oF &
Ω, 0.4 for HZ and 1 for
C), 1, 20, 40, 60, 120, 240 & 480 seconds
Low Battery:
Below approx. 7V
Operating Temperature:
32
° to 113°F (0° to 45°C)
Storage Temperature:
-4
° to 140°F (-20 to 60oC
Relative Humidity:
Max 80% up to 87ºF (31ºC) decreasing
linearly to 50% at 113ºF (45ºC) <80% storage
Altitude:
Operating below 2000 meters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com