Electronic Components Datasheet Search
  English  ▼

X  

ML720 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 4Page - Extech Instruments Corporation. ML720 Datasheet HTML 5Page - Extech Instruments Corporation. ML720 Datasheet HTML 6Page - Extech Instruments Corporation. ML720 Datasheet HTML 7Page - Extech Instruments Corporation. ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. ML720 Datasheet HTML 10Page - Extech Instruments Corporation. ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
7
Temp. Coefficient: Nominal 0.15 x specified accuracy per ºC (between
0 and 18
oC or 28 to 50oC), or as otherwise specified
Power Supply:
9V battery (NEDA1604, JIS006P or IEC6F22)
AC Sensing:
True RMS
Auto Power Off:
After 17 minutes of inactivity with no input signal
Safety:
Intended for indoor use and protected by double insulation per
EN61010-1 and IEC61010-1 2nd Edition (2001) to CAT III
1000V & CAT IV 600V. The meter also meets UL3111-1(1994)*
and CSA C22.2 No. 1010-1-92* to CAT III 1000V.
Terminals (to COM) ratings:
V :
CATEGORY III 1000 VOLTS AC & DC, AND
CATEGORY IV* 600 VOLTS AC & DC.
A / MA
µA : CATEGORY III AND CATEGORY IV* 500
VOLTS AC AND 300 VOLTS DC.
*Category IV safety standard (for DMMs) was first released in
IEC61010-1 2nd Edition in year 2001, and was yet a UL published
standard at the time this manual was written.
UL Certification: Meters
that
bear
the
UL
marking
have
been
investigated by UL headquarter in the USA per UL
standard UL3111-1 1st Ed to its highest CAT III rating
and international standard IEC61010-1 Second Edition
(year 2001) to CAT IV rating. The UL markings on the
meter, where applicable, are marked as “UL Listed Cat
III only” and “UL Classified to IEC61010-1 2nd Ed. Cat
IV”.
E.M.C.: Meets
EN61326(1997,
1998/A1),
EN61000-4-2(1995)
and
EN61000-4-3(1996). Also meets former standards EN55011
(1991) and EN50082-1(1997)
In an RF field of 3V/m: Capacitance function is not specified
Other function ranges: Total Accuracy = Specified Accuracy + 30
digits. Performance > 3V/m is not specified
Overload Protection:
µA/mA Range:
0.63/500V, IR 200kA, F fuse
A Range:
12.5A/500V IR 20kA, F fuse
V Range:
1050V rms, 1450V peak
mV,
Ω and other: 600VDC/VAC rms
Power Consumption:
2.7mA typical
Dimension: 7.32 x 3.43 x 1.4" with holster (186mm x 87mm x 35.5mm)
Weight:
15.17 oz. with holster (430g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com