Electronic Components Datasheet Search
  English  ▼

X  

ML720 Datasheet(PDF) 11 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 11 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 7Page - Extech Instruments Corporation. ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. ML720 Datasheet HTML 10Page - Extech Instruments Corporation. ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. ML720 Datasheet HTML 13Page - Extech Instruments Corporation. ML720 Datasheet HTML 14Page - Extech Instruments Corporation. ML720 Datasheet HTML 15Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
10
Operation
Measurement Considerations
NOTICE: Read and understand all warning and caution statements
listed in the safety section of this operation manual prior to using this
meter.
1. Always move the rotary function switch to the OFF position when the
meter is not in use. This meter has Auto Power OFF that
automatically shuts the meter OFF if 17 minutes elapse without
activity.
2. If "OL" appears on the display during a measurement, the
measurement exceeds the range selected. Change to a higher range.
AC/DC Voltage Measurements
1. Insert the black test lead into the negative COM jack and the red test
lead into the positive V jack.
2. Set the function switch to the "VAC" "VDC" "mV" position. Press the
SELECT key momentarily to toggle between AC and DC.
3. Read the voltage measurement on the display
AC/DC Current Measurements
CAUTION: Do not make current measurements at 20A for longer than
30 seconds. Exceeding 30 seconds may cause damage to the meter
and/or the test leads.
1. Insert the black test lead into the negative COM jack.
2. For current measurements up to 4000
µA, set the function switch to
the "
µA" position and insert the red test lead into the mA-µA jack.
3. For current measurements up to 400mA, set the function switch to the
"mA" position and insert the red test lead into the mA-
µA jack.
4. For current measurements up to 10A, set the function switch to the
"A" position and insert the red test lead into the A jack.
5. Press the SELECT key momentarily to toggle between AC and DC.
6. Remove power from the circuit under test and open the circuit at the
point where you wish to measure current.
7. Touch the black test probe tip to the negative side of the circuit and
touch the red test probe tip to the positive side of the circuit.
8. Apply power to the circuit.
9. Read the current on the display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com