Electronic Components Datasheet Search
  English  ▼

X  

ML720 Datasheet(PDF) 12 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 12 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. ML720 Datasheet HTML 10Page - Extech Instruments Corporation. ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. ML720 Datasheet HTML 13Page - Extech Instruments Corporation. ML720 Datasheet HTML 14Page - Extech Instruments Corporation. ML720 Datasheet HTML 15Page - Extech Instruments Corporation. ML720 Datasheet HTML 16Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
11
Resistance and Continuity Measurements
1. Insert the black test lead banana plug into the negative COM jack and
the red test lead banana plug into the V/
Ω/CAP jack.
2. Set the function switch to the "
Ω
" position.
3. Press the SELECT key momentarily to select Continuity (if required).
4. Touch the test probe tips across the circuit or part under test. It is best
to disconnect one side of the part under test so the rest of the circuit
will not interfere with the resistance reading.
5. For Resistance tests, read the resistance on the display.
6. For Continuity tests, If the resistance is < 20
Ω, an audible tone will
sound
Automatic test lead resistance calibration
When manually entering the 50
Ω range (using the RANGE key) the
automatic test lead resistance feature will prompt ("Shrt" in the display)
the user to short the inputs for calibration. Short the test leads for about
3 seconds until the display shows zero. The resistance of the test leads
is now subtracted from the reading. The compensation value can be as
much as 5
Ω.
Note: The compensation procedure must be repeated each time the
range or function is changed.
Capacitance Measurements
1. Insert the black lead into the negative COM jack and the red test lead
into the positive CAP jack.
2. Set the function switch to the "
CAP" position.
3. Press the SELECT key momentarily to select the Capacitance
function (if required).
4. Touch the test leads to the capacitor to be tested and read the
measured value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com