Electronic Components Datasheet Search
  English  ▼

X  

MM570 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # MM570
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM570 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  MM570 Datasheet HTML 1Page - Extech Instruments Corporation. MM570 Datasheet HTML 2Page - Extech Instruments Corporation. MM570 Datasheet HTML 3Page - Extech Instruments Corporation. MM570 Datasheet HTML 4Page - Extech Instruments Corporation. MM570 Datasheet HTML 5Page - Extech Instruments Corporation. MM570 Datasheet HTML 6Page - Extech Instruments Corporation. MM570 Datasheet HTML 7Page - Extech Instruments Corporation. MM570 Datasheet HTML 8Page - Extech Instruments Corporation. MM570 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4
Specifications
DC VOLTAGE
Accuracy
Range
MM570
MM560
500.00 mV,
5.0000V,
50.000V
0.02% + 2d
0.03% + 2d
500.00V
0.04% + 2d
0.05% + 2d
1000.0V
0.05% + 2d
0.1% + 2d
NMRR: >60dB @ 50/60Hz, CMRR: >120dB @ DC, 50/60Hz, Rs=1k
Ω
Input impedance: 10M
Ω, 30pF nominal (80pF nominal for 500mV range)
DC CURRENT
Range
Accuracy
Burden Voltage
500.00
µA
0.15% + 20d
0.15mV/
µA
5000.0
µA
0.1% + 20d
0.15mV/
µA
50.000mA
0.15% + 10d
3.3mV/mA
500.00mA
0.1% + 20d
3.3mV/mA
5.0000A
0.5% + 10d
0.03V/A
10.000A*
0.5% + 20d
0.03V/A
*10A continuous, 20A for 30 seconds max with a 5 minute cool down
interval
RESISTANCE
Accuracy
Range
MM570
MM560
500.00
Ω
0.07% + 10d
5.0000k
Ω,
50.000k
Ω,
500.00k
Ω
0.07% + 2d
0.1% + 6d
5.0000M
Ω
0.2% + 6d
0.4% + 6d
50.000M
Ω
2.0% + 6d
2.0% + 6d
Open circuit voltage: <1.3V (<3VDC on the 500
Ω range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com