Electronic Components Datasheet Search
  English  ▼

X  

MM570 Datasheet(PDF) 21 Page - Extech Instruments Corporation.

Part # MM570
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM570 Datasheet(HTML) 21 Page - Extech Instruments Corporation.

Back Button MM570 Datasheet HTML 13Page - Extech Instruments Corporation. MM570 Datasheet HTML 14Page - Extech Instruments Corporation. MM570 Datasheet HTML 15Page - Extech Instruments Corporation. MM570 Datasheet HTML 16Page - Extech Instruments Corporation. MM570 Datasheet HTML 17Page - Extech Instruments Corporation. MM570 Datasheet HTML 18Page - Extech Instruments Corporation. MM570 Datasheet HTML 19Page - Extech Instruments Corporation. MM570 Datasheet HTML 20Page - Extech Instruments Corporation. MM570 Datasheet HTML 21Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
20
Support Hotline (781) 890-7440
Tech support: Ext. 200; Email: support@extech.com
Repair/Returns: Ext. 210; Email: repair@extech.com
Website: www.extech.com
Fuse Replacement
1. Remove the four screws from the case bottom and stand using a
Philips head screwdriver.
2. Lift the end of the case bottom nearest the input jacks until it unsnaps
from the case top
3. Replace the battery or blown fuse(s)
4. Replace the case bottom, and ensure that all the gaskets are properly
seated and that the two snaps on the case top (near the display side)
are engaged
5. Re-fasten the screws.
Battery: one 9V standard battery (NEDA1604, JIS006P, IEC6F22) or
alkaline battery (NEDA1604A, JIS6AM6, IEC6LF22)
FS1 (for
µA/mA current input):
For MM560: 0.63A/500V F IR 200kA fast acting fuse.
For MM570: 1A/1000V F IR 10kA (acceptable alternative;
0.44A/1000V IR 10kA)
FS2 (for A current input):
For MM560: 12.5A/500V F IR 20kA fuse.
For MM570: 15A/1000V IR 10kA (acceptable alternative;
11A/1000V IR 20kA)
Fuse kits, Extech P/N FS880-4 & FS881-4 are available which contain
one each of the fuses for the meters.
UL Listed
The UL mark does not indicate that this product has been evaluated for
the accuracy of its readings.
REPAIR AND CALIBRATION SERVICES
Extech offers complete repair and calibration services for all of the
products we sell. For periodic calibration, NIST certification or repair of
any Extech product, call customer service for details on services
available. Extech recommends that calibration be performed on an annual
basis to insure calibration integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com