Electronic Components Datasheet Search
  English  ▼

X  

MM570 Datasheet(PDF) 14 Page - Extech Instruments Corporation.

Part # MM570
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM570 Datasheet(HTML) 14 Page - Extech Instruments Corporation.

Back Button MM570 Datasheet HTML 10Page - Extech Instruments Corporation. MM570 Datasheet HTML 11Page - Extech Instruments Corporation. MM570 Datasheet HTML 12Page - Extech Instruments Corporation. MM570 Datasheet HTML 13Page - Extech Instruments Corporation. MM570 Datasheet HTML 14Page - Extech Instruments Corporation. MM570 Datasheet HTML 15Page - Extech Instruments Corporation. MM570 Datasheet HTML 16Page - Extech Instruments Corporation. MM570 Datasheet HTML 17Page - Extech Instruments Corporation. MM570 Datasheet HTML 18Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
13
Operation
Measurement Considerations
NOTICE: Read and understand all warning and caution statements
listed in the safety section of this operation manual prior to using this
meter.
1. Always move the rotary function switch to the OFF position when the
meter is not in use. This meter has Auto Power OFF that
automatically shuts the meter OFF if 17 minutes elapse without
activity.
2. If "OL" appears on the display during a measurement, the
measurement exceeds the range selected. Change to a higher range.
AC, DC or AC+DC Voltage Measurements
1. Insert the black test lead into the negative COM jack and the red test
lead into the positive V jack.
2. Set the function switch to the "VAC", "VDC" or "mV" position
3. In “VAC” press the SELECT key to toggle between AC and dBm.
4. In “VDC” press the SELECT key to toggle between DC and AC+DC.
5. In “mV” press the SELECT key to toggle between DC, AC and
AC+DC.
6. Read the voltage measurement on the display.
7. Press the 500000 key momentarily to toggle between 50,000 counts
and 500,000 counts in DCV or DC mV.
Note: The setting selected will be stored in non-volatile memory and will
become the default setting.
dBm Measurements
1. Set up and connect as described for ACV measurements.
2. Press the SELECT key momentarily to select dBm.
3. The reference impedance will be displayed for 1 second before the
dBm display appears.
4. Press the RANGE key momentarily to change the reference
impedance.
AC or DC Current Measurements
CAUTION: Do not make current measurements at 20A for longer than
30 seconds. Exceeding 30 seconds may cause damage to the meter
and/or the test leads.
1. Insert the black test lead into the negative COM jack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com