Electronic Components Datasheet Search
  English  ▼

X  

MM570 Datasheet(PDF) 13 Page - Extech Instruments Corporation.

Part # MM570
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM570 Datasheet(HTML) 13 Page - Extech Instruments Corporation.

Back Button MM570 Datasheet HTML 9Page - Extech Instruments Corporation. MM570 Datasheet HTML 10Page - Extech Instruments Corporation. MM570 Datasheet HTML 11Page - Extech Instruments Corporation. MM570 Datasheet HTML 12Page - Extech Instruments Corporation. MM570 Datasheet HTML 13Page - Extech Instruments Corporation. MM570 Datasheet HTML 14Page - Extech Instruments Corporation. MM570 Datasheet HTML 15Page - Extech Instruments Corporation. MM570 Datasheet HTML 16Page - Extech Instruments Corporation. MM570 Datasheet HTML 17Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
12
Analog bar-graph
The analog bar graph provides a visual indication of measurement like a
traditional analog meter needle. It is excellent in detecting faulty
contacts, identifying potentiometer clicks, and indicating signal spikes
during adjustments.
Default Functions
The Multimaster™ will set the function last used as the default function.
For example, if dBm is last used in the VAC position, the meter will
display dBm the next time that function is selected.
Backlit display
The MultiMaster™ series multimeters are equipped with a backlight for
viewing the LCD display in poorly lit areas.
Data Hold
The HOLD function freezes the reading on the display for later viewing.
Manual and Automatic Ranging
The MultiMaster™ series multimeters are Autoranging, with manual
override.
Smart Power Auto Power Off (APO)
Smart Power automatically shuts the meter down after approximately 17
minutes of inactivity. APO can be disabled on power up and is also
disabled if a signal is present.
Audible Beeper
The audible beeper confirms a keystroke. It can be disabled.
MAX/MIN mode
MAX/MIN mode stores the minimum and maximum readings in memory
for later viewing.
Relative mode
Relative mode allows the meter to display the difference between the
actual measurement and a stored reference value.
PeakC capture mode
PeakC captures voltage or current signals that have durations as short
as 0.8ms. This mode is available in DCV, ACV, DCA, & ACA functions.
Sealing
The meter is sealed using an o-ring and gasket to prevent moisture and
dust from entering.
Rubber Holster
The heavy duty rubber holster provides drop resistance, good grip and
can be removed and washed if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com