Electronic Components Datasheet Search
  English  ▼

X  

BPC-6671 Datasheet(PDF) 7 Page - BOSER Technology Co., Ltd

Part # BPC-6671
Description  17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6671 Datasheet(HTML) 7 Page - BOSER Technology Co., Ltd

Back Button BPC-6671 Datasheet HTML 3Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 11Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
1
Chapter 1
General Description
The BPC-6671 is a 17” industrial grade Panel PC which comes with a
TFT color panel display. The rear design of the BPC-6671 enhances
the disassembly process when required. It also supports various
mounting solutions like wallmount, or desktop for different application.
The BPC-6671 has a 17” display and touch screen that operate under
all types of working environments. It offers OSD (On Screen Display)
on the left side for user’s operation.
The BPC-6671 is IBM PC/AT compatible and can draw
from a large body of hardware and software resources
worldwide.
The BPC-6671 features an all-in-one flat display.
Keyboard less operations are possible through the use
of a touch screen. In addition to a watchdog timer
indispensable in FA applications.
You can select from a broad range of variations to arrive at the
optimum configuration for your application and budget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com