Electronic Components Datasheet Search
  English  ▼

X  

BPC-6671 Datasheet(PDF) 9 Page - BOSER Technology Co., Ltd

Part # BPC-6671
Description  17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6671 Datasheet(HTML) 9 Page - BOSER Technology Co., Ltd

Back Button BPC-6671 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 13Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
3
1.3 Panel Specifications
Screen Size: 17 inches
Display Format: 1280 x 1024 pixels
Pixel Pitch: 0.264(H) x 0.264(V) m/m
Color: 16.2M color (RGB 6-bit + FRC data)
Brightness: 300 cd/m2
Contrast Ratio: 500:1
Response Timer: 8ms
1.4 Power Supply Specifications
Input Voltage: 100~240VAC full range
Input Frequency: 47~63Hz
Input Current: 4A max. 115vrms at 60Hz; 2A max. 230Vrms
at 50Hz
Inrush Current: 50A cold, 80A ware at 132VAC
Hold Up Time: 17ms min. at full load & nominal input voltage
Output Power: +3.3V and +5V total output should not exceed
61W
Power Good Signal: Turn on delay 100~500ms
Thermal System: 4cm ball bearing cooling fan x 1
1.5 Control Keys
OSD Control Keys Define
Menu: Menu/Item select
Down: Cursor down control
Up: Cursor up control
Return: Return to menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com