Electronic Components Datasheet Search
  English  ▼

X  

BPC-6671 Datasheet(PDF) 15 Page - BOSER Technology Co., Ltd

Part # BPC-6671
Description  17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6671 Datasheet(HTML) 15 Page - BOSER Technology Co., Ltd

Back Button BPC-6671 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 13Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 14Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 15Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 16Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 17Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 18Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 19Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
9
Chapter 4
Touch Screen Driver Installation
This chapter contains the detailed information of touch screen driver
installation procedures. The utility disk that came with the delivery
package contains an auto-run program that invokes the installation
programs for the touch screen driver. The following sections describe
the installation procedures of driver based on WIN2000 operating
systems. It is recommended that you install the drivers matching the
sections listed in this chapter.
4.1 Touch Screen Driver Installation
4.1.1 Installing Touch Screen Driver in WIN95/98
1.
Insert Utility CD disk to your CD-ROM drive. The main menu
will pop up as shown below.
2.
The screen displays copying “Installation Wizard” and
“PenMount Utilities Installation” screen plus “welcome”
message appear, click on Next>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com