Electronic Components Datasheet Search
  English  ▼

X  

BPC-6671 Datasheet(PDF) 8 Page - BOSER Technology Co., Ltd

Part # BPC-6671
Description  17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6671 Datasheet(HTML) 8 Page - BOSER Technology Co., Ltd

Back Button BPC-6671 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 12Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2
1.1 Major Features
The BPC-6671 series comes with the following features:
Aluminum chassis
17” TFT color panel display
Built-in touch screen, OSD key, mainboard, wireless LAN
module, 180W ATX P/S
Provides Intel® Core™ 2 Duo/Pentium® D/Pentium®
4/Celeron® D/Celeron® processor
Onboard graphics, Ethernet, audio controller
Parallel, COM, 6 USB
2.5” SATA HDD space x 2, slim CD-ROM space x 1
6cm ball bearing cooling fan x 2
1.2 Specifications
CPU: Intel® Core™ 2 Duo/Pentium® D/Pentium® 4/Celeron®
D/Celeron® processor
Memory: Two DDRII sockets supports up to 2GB
OSD: Provides OSD function
Touch Screen: 17” touch screen
Display: Onboard graphics controller
Ethernet: Onboard 10/100 Based LAN controller
Wireless LAN: Provides wireless LAN module
Audio: Onboard 8CH High Definition Audio controller
Storage:
2.5” SATA HDD space x 2
Slim CD-ROM space x 1
Parallel: Standard parallel port x 1
Serial Port: 1 port
USB: USB port x 6
Keyboard: PS/2 6-pin Mini DIN
Mouse: PS/2 6-pin Mini DIN
BIOS: Award PnP Flash BIOS
Power In: 180W ATX power supply
Thermal System: 6cm ball bearing cooling fan x 2
EMC: CE, FCC
Front Panel Protection: IP65
Temperature: 0~45
°C (operating); -20~+70°C (storage)
Dimensions: 47.0(L) x 37.1(H) x 9.68(W) cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com