Electronic Components Datasheet Search
  English  ▼

X  

APT100GT120JR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT100GT120JR
Description  Thunderbolt IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT120JR Datasheet(HTML) 5 Page - Microsemi Corporation

  APT100GT120JR Datasheet HTML 1Page - Microsemi Corporation APT100GT120JR Datasheet HTML 2Page - Microsemi Corporation APT100GT120JR Datasheet HTML 3Page - Microsemi Corporation APT100GT120JR Datasheet HTML 4Page - Microsemi Corporation APT100GT120JR Datasheet HTML 5Page - Microsemi Corporation APT100GT120JR Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
0.05
0. 1
0.15
0. 2
0.25
10-4
10-3
10-2
10-1
0.1
1
10
10
100
1000
10000
0 100 200 300 400 500 600 700 800 900
0
10
20
30
40
0 10 20 30 40 50 60 70 80 90 100
Typical Performance Curves
APT100GT120JR
0.3
D = 0.9
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL
I
C, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
T
J = 125°C
T
C = 75°C
D = 50 %
V
CE = 800V
R
G = 4.7Ω
0.5
0.1
0.05
F
max
= min (f
max, f max2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - P cond
E
on2 + E off
f
max2 =
P
diss =
T
J - T C
R θJC
C
oes
C
res
C
ies
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
75°C
100°C
V
CE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
FIGURE 17, Capacitance vs Collector-To-Emitter Voltage
V
CE, COLLECTOR-TO-EMITTER VOLTAGE
FIGURE 18, Minimum Switching Safe Operating Area
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
0
50
100
150
200
250
0
200
400
600 800 1000 1200 1400
.045
.0135
.039
.034
.0618
17.42



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com