Electronic Components Datasheet Search
  English  ▼

X  

SPT7720 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7720
Description  8-BIT, 200 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7720 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7720 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
5/9/01
SPT7720
TYPICAL PERFORMANCE CHARACTERISTICS
SFDR, THD vs Sample Rate
0
50
100
150
200
250
–30
–40
–50
–60
–70
Sample Rate (MSPS)
THD
SFDR
THD
SFDR
–35
–45
–55
–65
ƒIN = 70.1 MHz
SNR, SINAD vs Sample Rate
0
50
100
150
200
250
60
50
40
30
20
Sample Rate (MSPS)
SINAD
SNR
55
45
35
25
ƒIN = 70.1 MHz
SNR, SINAD vs Temperature
–40 –25
0
50
100
60
50
40
30
20
Temperature (Degrees C)
SINAD
SNR
25
75
55
45
35
25
ƒIN = 70.1 MHz
ƒS = 200 MSPS
THD vs Temperature
–40 –25
0
50
100
–30
–40
–50
–60
–70
Temperature (Degrees C)
25
75
–35
–45
–55
–65
ƒIN = 70.1 MHz
ƒS = 200 MSPS
SNR, SINAD vs VDD
4.5
4.7
5.0 5.1
5.3
5.5
60
50
40
30
20
Volts
4.9
4.6
4.8
5.2
5.4
SNR
SINAD
55
45
35
25
ƒIN = 70.1 MHz
ƒS = 200 MSPS
–30
–40
–50
–60
–70
THD vs VDD
4.5
4.7
5.0 5.1
5.3
5.5
Volts
4.9
4.6
4.8
5.2
5.4
–35
–45
–55
–65
ƒIN = 70.1 MHz
ƒS = 200 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com