Electronic Components Datasheet Search
  English  ▼

X  

SPT7720 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7720
Description  8-BIT, 200 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7720 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7720 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
5/9/01
SPT7720
TYPICAL PERFORMANCE CHARACTERISTICS
SNR, SINAD vs Encode Pulsewidth
60
50
40
30
20
SINAD
SNR
1.0
1.5
2.0
2.5
3.0
3.5
Encode Pulsewidth (nS)
ƒIN = 70.1 MHz
ƒS = 200 MSPS
55
45
35
25
SFDR, THD vs Encode Pulsewidth
–30
–40
–50
–60
–70
THD
SFDR
1.0
1.5
2.0
2.5
3.0
3.5
Encode Pulsewidth (nS)
ƒIN = 70.1 MHz
ƒS = 200 MSPS
–35
–45
–55
–65
DLE vs Sample Rate
0.7
0.1
0.0
–0.2
–0.5
–0.3
–0.4
–0.6
–0.7
–0.1
0.2
0.3
0.4
0.5
0.6
ƒIN = 70.1 MHz
0
50
100
150
200
250
Sample Rate (MSPS)
DLE vs Temperature
0.7
0.1
0.0
–0.2
–0.5
–0.3
–0.4
–0.6
–0.7
–0.1
0.2
0.3
0.4
0.5
0.6
–40 –25
050
100
Temperature (Degrees C)
25
75
ƒIN = 70.1 MHz
ƒS = 200 MSPS
DLE vs VDD
4.5
4.7
5.0 5.1
5.3
5.5
0.7
0.1
0.0
–0.2
–0.5
Volts
4.9
4.6
4.8
5.2
5.4
–0.3
–0.4
–0.6
–0.7
–0.1
0.2
0.3
0.4
0.5
0.6
ƒIN = 70.1 MHz
ƒS = 200 MSPS
Supply Current vs Temperature
–40 –25
0
50
100
120
100
80
60
40
Temperature (Degrees C)
25
75
ƒIN = 70.1 MHz
ƒS = 200 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com