Electronic Components Datasheet Search
  English  ▼

X  

SPT7720 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7720
Description  8-BIT, 200 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7720 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7720 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
5/9/01
SPT7720
PIN FUNCTIONS
Pin Name Description
AIN, AIN
Differential Input Pins
ENCODE
Differential Clock Input
ENCODE
VDD
Power Supply
GND
Ground
DA0–DA7
Digital Outputs, Channel A
DB0–DB7
Digital Outputs, Channel B
VREF OUT Reference Output Voltage
VREF IN
Reference Input Voltage, High
DEMUX
Format Select: LOW = Dual-Channel Mode,
HIGH = Single-Channel Mode
DS, DS
Data Sync and Data Sync Complement –
Aligns Output Channels in Dual-Channel Mode
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT7720SIT
–40 to +85 °C
44L TQFP
1
2
3
4
5
6
7
8
9
10
11
23
24
25
26
27
28
29
30
31
32
33
ENCODE
ENCODE
VDD
GND
VDD
GND
DA7 (MSB)
DA6
DA5
DA4
DA3
DB4
DB5
DB7 (MSB)
DB6
GND
GND
GND
VREF OUT
VDD
VDD
VDD
SPT7720
TOP VIEW
44L TQFP
PIN ASSIGNMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com